Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5027ASQX/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5027ASQX/NOPB Datasheet HTML 9Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 10Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 11Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 12Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 13Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 14Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
Cycle-by-Cycle Current Limit
The CS pin is to be driven by a signal representative of the transformer primary current. If the voltage on the CS
pin exceeds 0.5V, the current sense comparator terminates the output driver pulse, with the duty cycle
determined by the current sense comparator instead of the PWM comparator. A small R-C filter connected to the
CS pin and located near the controller is recommended to suppress noise. An internal 5
Ω MOSFET discharges
the external current sense filter capacitor at the conclusion of every cycle. The discharge MOSFET remains on
for an additional 30 ns after either OUTA driver switches high to blank leading edge transients in the current
sensing circuit. Discharging the CS pin filter each cycle and blanking leading edge spikes reduces the filtering
requirements and improves the current sense response time. The current sense comparator is very fast and may
respond to short duration noise pulses. Layout considerations are critical for the current sense filter and sense
resistor. The capacitor associated with the CS filter must be placed very close to the device and connected
directly to the CS and AGND pins. If a current sense transformer is used, both leads of the transformer
secondary should be routed to the filter network, which should be located close to the IC. When designing with a
current sense resistor, all of the noise sensitive low power ground connections should be connected together
near the AGND pin, and a single connection should be made to the power ground (sense resistor ground point).
Restart Time Delay (Hiccup Mode)
The LM5027A provides a current limit restart timer to disable the outputs and force a delayed restart (hiccup
mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current limit events required
to trigger the restart is programmable by the external capacitor at the RES pin. During each PWM cycle, the
LM5027A either sources or sinks current from the RES pin capacitor. If no current limit is detected during a cycle,
a 5 µA current sink is enabled to pull the RES pin to ground. If a current limit is detected, the 5 µA current sink is
disabled and a 22 µA current source causes the voltage at the RES pin to gradually increase. If the RES voltage
reaches the 1.0V threshold, the following restart sequence occurs (also see Figure 19).
• The SS and SSSR capacitors are fully discharged.
• The RES 20 µA current source is turned-off and the 5 µA current source is turned-on.
• The voltage on the RES pin is allowed to charge up to 4.0V.
• When voltage on the RES pin reaches 4.0V the 5 µA current source is turned-off and a 5 µA current sink is
turned-on, ramping the voltage on the RES capacitor down to 2.0V.
• The RES capacitor voltage is ramped between 4.0V and 2.0V eight times.
• When the counter reaches eight, the RES pin voltage is pulled low and the Soft-Start capacitor is released to
begin a soft-start sequence. The SS capacitor voltage slowly increases. When the SS voltage reaches 1.0V, the
PWM comparator will produce the first narrow output pulse at OUTA.
• When the SS voltage reaches 4.0V the capacitor on the SSSR pin is released and is charged with a 25 µA
current source, soft-starting the free-wheeling synchronous rectifier.
• If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence.
• If the overload condition no longer exists after restart, the RES pin will be held at ground by the 5 µA current
sink and normal operation resumes.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com