Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5027ASQX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5027ASQX/NOPB
Description  Voltage Mode Active Clamp Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5027ASQX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5027ASQX/NOPB Datasheet HTML 13Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 14Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 17Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 18Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 19Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 20Page - Texas Instruments LM5027ASQX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
OTP
NTC
REF
Logic
LM5027A
+
-
5.0V
(20 uA)
OTP HYSTERESIS
1.25V
RTOP
UVLO
SS
SSSR
OUTA
OUTB
OUTSR
~ 4V
~1V
~2.5V
Expanded view
SR
Soft -Start
UVLO > 2.0V
LM5027A
www.ti.com
SNVS642B – APRIL 2010 – REVISED MARCH 2013
Figure 23. Soft-Start Synchronous Rectifier Timing
External Over-Temperature Protection
An external set-point voltage divider between the REF, OTP, and AGND pins, as shown in Figure 24, is one
method to implement over-temperature protection shutdown. Typically a NTC thermistor is installed as the lower
device of the voltage divider. The divider must be designed such that the voltage at the OTP pin will be greater
than 1.25V when there is not an over-temperature condition, and the OTP pin must drop below 1.25V during an
over-temperature event. OTP hysteresis is accomplished with an internal 20 µA current source that is switched
on or off into the impedance of the external set-point divider. When the OTP pin voltage exceeds 1.25V
threshold, the current source is activated to quickly raise the voltage at the OTP pin. When the OTP pin voltage
falls below the 1.25V threshold, the current source is turned off causing the voltage at the OTP pin to quickly fall.
When OTP falls below 1.25V the LM5027A will go through a soft-stop turn-off sequence.
Figure 24. External OTP Protection
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5027A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com