Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115AMT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMT/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5115AMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 12Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 13Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 14Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Phase signal
RAMP pin
HS pin
12V
12V
6V
6V
Main Output = 3.3V
Secondary Output = 2.5V
PWM Threshold
SYNC
CLK
RAMP
BUFFER
2.5k
15 PA
CLK
Isync
Isync x 3
2.5k
Phase
Signal
RSYNC
CRAMP
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
Figure 12. Line Feed-Forward Diagram
Figure 13. Line Feed-Forward Waveforms
The recommended SYNC input current range is 50µA to 150µA. The SYNC pin resistor (RSYNC) should be
selected to set the SYNC current (ISYNC) to 150µA with the maximum phase signal amplitude, VPHASE(max). This
will ensure that ISYNC stays within the recommended range over a 3:1 change in phase signal amplitude. The
SYNC pin resistor is therefore:
RSYNC = (VPHASE(max) / 150µA) - 2.5kΩ
Once ISYNC has been established by selecting RSYNC, the RAMP signal slope/amplitude may be programmed by
selecting the proper RAMP pin capacitor value. The RAMP signal slope should be selected to provide adequate
slope compensation for the Valley current mode control scheme (Please refer to the Valley Current Mode Control
section). The recommended peak amplitude of the ramp waveform is 1.75V.
Error Amplifier and Soft-Start (FB, CO, COMP & TRK/SS)
An internal wide bandwidth error amplifier is provided within the LM5115A for voltage feedback to the PWM
controller. The amplifier’s inverting input is connected to the FB pin. The output of the auxiliary converter is
regulated by connecting a voltage setting resistor divider between the output and the FB pin. Loop compensation
networks are connected between the FB pin and the error amplifier output (COMP). The amplifier has two non-
inverting inputs. The first non-inverting input connects to a 0.75V bandgap reference while The second non-
inverting input connects to the TRK/SS pin and it has 15 µA pull-up current source. The TRK/SS pin can be tied
to an external resistor divider from the master output for tracking, or it can be tied to a capacitor for soft-start .
TRK/SS is the reference input to the amplifier when the voltage applied to the pin is < 0.75V. For higher inputs,
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com