Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115AMT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMT/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5115AMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 12Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 13Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 14Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 15Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TRACK
R
T2
R
T1
R
FB2
R
FB1
FB
V
OUT2
V
FB
LM5115A
Master
Power
Supply
V
SS
V
OUT1
RT1 =
0.8 x RT2
VOUT1 - 0.8
LM5115A
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
the internal reference controls the amplifier. When the VCC voltage is below the UVLO threshold, the TRK/SS
pin is discharged to ground. When VCC rises and exceeds the positive going UVLO threshold (4.25V), the
TRK/SS pin is released and allowed to rise. If an external capacitor is connected to the TRK/SS pin, it will be
charged by the internal 15uA pull-up current source to gradually increase the non-inverting input of the error
amplifier to 0.75V.
During start-up, the output of the LM5115A converter will follow the following equation:
VOUT(t) = VOUT(final) x15 µA x t /(.75 Vx Css )
where
•
Css = external Soft-Start capacitor
•
VOUT(final) = regulator output set point
Pull-up current for the error amplifier output is provided by an internal 300µA current source. The PWM threshold
signal at the COMP pin can be controlled by either the open drain error amplifier or the open drain current
amplifier connected through the CO pin to COMP. Since the internal error amplifier is configured as an open
drain output it can be disabled by connecting FB to ground. The current sense amplifier and current limiting
function will be described in a later section.
Power-up/Power-downTracking
The LM5115A can track the output of a master power supply during soft start by connecting a resistor divider to
the TRACK pin (Figure 14). Therefore, the output voltage slew rate of the LM5115A will be controlled by the
master supply for loads that require precise sequencing. In order to track properly the output voltage of the
LM5115A must be lower than the output voltage of the master supply.
One way to use the tracking feature is to design the tracking resistor divider so that the master supply output
voltage (VOUT1) and the LM5115A output voltage (VOUT2) both rise together and reach their target values at
the same time. For this case, the equation governing the values of the tracking divider resistors RT1 and RT2 is:
A value of 10k
Ω (1%) is recommended for RT2 as a good compromise between high precision and low quiescent
current through the divider. If the master supply voltage was 3.3V and the LM5115A output voltage was 2.5 V,
then the value of RT1 needed to give the two supplies identical soft start times would be 2.94 k
Ω (1%). The
timing diagram and waveforms for the equal soft start time configuration are shown in Figure 15 and Figure 16.
Figure 14.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com