Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2N60D2 Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF2N60D2
Description  600V N-Channel MOSFET Preliminary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60D2 Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF2N60D2_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF2N60D2
600V N-Channel MOSFET
Preliminary
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
0.400
0.900
1.400
0.016
0.035
0.055
B
5.350
5.850
6.350
0.211
0.230
0.250
C
4.800
5.300
5.800
0.189
0.209
0.228
D
0.980
0.100
1.020
0.039
0.004
0.040
E
5.800
6.300
6.800
0.228
0.248
0.268
F
2.200
2.300
2.400
0.087
0.091
0.094
G
0.600
0.700
0.800
0.024
0.028
0.031
H
0.200
0.700
1.200
0.008
0.028
0.047
I
0.700
0.800
0.900
0.028
0.031
0.035
J
0.408
0.508
0.608
0.016
0.020
0.024
K
2.050
2.300
2.550
0.081
0.091
0.100
L
0.550
0.800
1.050
0.022
0.031
0.041
M
0.408
0.508
0.608
0.016
0.020
0.024
N
1.050
1.300
1.550
0.041
0.051
0.061
O
1.250
1.500
1.750
0.049
0.059
0.069
Symbol
Dimension In Millimeters
Dimension In Inches
TO-252 PACKAGE OUTLINE DIMENSION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com