Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2N60D2 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF2N60D2
Description  600V N-Channel MOSFET Preliminary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60D2 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF2N60D2_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60D2_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF2N60D2
600V N-Channel MOSFET
Preliminary
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
1.3
IDM
Pulsed Drain Current②
8
A
Power Dissipation③
34
W
PD @TC = 25°C
Linear Derating Factor
0.27
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=30mH
115
mJ
IAS
Avalanche Current @ L=30mH
2.52
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
600V
RDS(on)
3.7Ω (typ.)
ID
2A
TO-252
Marking and Pin
Assignment
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Lead free product
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSF2N60D2_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2N60D2 SILIKRON-SSF2N60D2 Datasheet
467Kb / 8P
Main Product Characteristics
logo
GOOD-ARK Electronics
SSF2N60D2 GOOD-ARK-SSF2N60D2 Datasheet
917Kb / 7P
600V N-Channel MOSFET
More results

Similar Description - SSF2N60D2_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com