Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5213CDP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5213CDP
Description  9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5213CDP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5213CDP Datasheet HTML 1Page - Microsemi Corporation LX5213CDP Datasheet HTML 2Page - Microsemi Corporation LX5213CDP Datasheet HTML 3Page - Microsemi Corporation LX5213CDP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
LX5213
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 1.9
7/97
P RODUCTION D AT A S HEET
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
4
5.25
V
05
V
0V
TERM
V
2.2
µF
0
125
°C
Note 2. Range over which the device is functional.
TermPwr Voltage
V
TERM
Signal Line Voltage
Disconnect Input Voltage
Output Capacitor on REGOUT
Operating Virtual Junction Temperature Range
LX5213C
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0°C
≤ T
A ≤ 70°C.
TermPwr = 4.75V, Discon-
nect = 0V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX5213
Min.
Typ.
Max.
0.6
1.2
mA
194
208
mA
60
100
µA
Supply Current Section
TermPwr Supply Current
All term lines = Open
All term lines = 0.5V
Power Down Mode
Disconnect = Open
104
110
116
Ω
100
110
120
Ω
2.7
2.9
V
-20.3
-21.8
-23
mA
-19.0
-21.8
-23
mA
-19.5
-21.8
-23
mA
-18.0
-21.8
-23
mA
10
400
nA
3.5
pF
20
30
mA
Output Section (Terminator Lines)
Terminator Impedance
I
TERM = -5mA to -15mA, TA = 25°C
I
TERM = -5mA to -15mA
Terminator Output High Voltage
Max. Output Current
V
OUT = 0.5V, T A = 25°C
V
OUT = 0.5V, 0°C ≤ TA ≤ 70°C
V
OUT = 0.5V, V TERM = 4V, TA = 25°C
V
OUT = 0.5V, V TERM = 4V, 0°C ≤ TA ≤ 70°C
Output Leakage
Disconnect = Open, V
TERM = 0V to 5.25V
Output Capacitance
Disconnect = Open
Sink Current
V
OUT = 4V
3.6
V
10
20
mV
20
50
mV
0.7
1.0
V
-200
-350
mA
150
°C
Regulator Section
Regulator Output Voltage
Line Regulation
V
TERM = 4V to 6V
Load Regulation
I
REG = 0 to -50mA
Drop Out Voltage
I
REG = -50mA
Short Circuit Current
V
REG = 0V
Thermal Shutdown
0.8
2.0
V
40
µA
Disconnect Section
Disconnect Threshold
Input Current
Disconnect = 0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com