Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5213CDP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5213CDP
Description  9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5213CDP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5213CDP Datasheet HTML 1Page - Microsemi Corporation LX5213CDP Datasheet HTML 2Page - Microsemi Corporation LX5213CDP Datasheet HTML 3Page - Microsemi Corporation LX5213CDP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
KEY FEA TURES
s 3.5pF OUTPUT CAPACITANCE DURING
DISCONNECT
s 60µA SUPPLY CURRENT IN DISCON-
NECT MODE
s 600µA SUPPLY CURRENT DURING
NORMAL OPERATION
s 150mA SINK CURRENT FOR ACTIVE
NEGATION
s LOGIC COMMAND DISCONNECTS ALL
TERMINATION LINES
s CURRENT LIMIT AND THERMAL
PROTECTION
s COMPATIBLE WITH SCSI 1, 2 AND 3
STANDARDS
s CONSULT FACTORY FOR APPLICATION
TEST REPORT: 5213TR
The LX5213 is a nine-line active terminator
for the SCSI parallel bus. This SCSI standard
recommends active termination at both ends
of the SCSI bus.
During disconnect mode, the LX5213 re-
quires a meager 60µA of supply current while
offering only 3.5pF of output capacitance.
To enter this low-power mode, the discon-
nect pin can be left open (floating) or driven
high, thereby disconnecting the terminating
resistors and placing the internal low dropout
regulator into low-power mode. In discon-
nect mode, each termination line presents
a high impedance to the SCSI bus with the
overall effect being to preserve high-signal
integrity and yield subsequent reliable, error-
free communications.
During normal operation, the LX5213 con-
sumes only 600µA of current, which is the
lowest enabled supply current of any termi-
nator available on the market today.
Linfinity's proprietary BiCMOS low dropout
regulator architecture enables this unique
and very efficient operating characteristic.
The LX5213 also offers a precisely trimmed
channel output current specified to a 5%
tolerance. The maximum value of the output
current is trimmed as closely as possible to
the SCSI standard maximum specification to
give the highest possible noise margin for
fast SCSI operation. And the LX5213 sinks
up to 150mA of current, making it compatible
with today's fast active negation drivers.
The LX5213 is a superior, pin-for-pin re-
placement for a variety of industry products
such as the UC5603 and UC5613.
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic DIP
16-pin
N
PWP
Plastic SOIC
16-pin, Power
DP
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX5213CDPT)
0 to 70
LX5213CN
LX5213CPWP
LX5213CDP
Plastic TSSOP
24-pin, Power
9-LINE LOW CAPACITANCE, µPOWER SCSI TERMINATOR
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX5213
LIN D OC #: 5213
PRODUCT HIGHLIGHT
RECEIVING W AVEFORM - 10MH Z
DRIVING WAVEFORM - 10MH Z
Receiver
LX5213
LX5213
LX5268
LX5268
1 Meter, AWG 28
Driver
NOTE:
For An In-Depth
Discussion On Applying
SCSI, Request Linfinity
Application Note:
"Understanding The
Single-Ended SCSI Bus"
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.
Copyright © 1997
Rev. 1.9
7/97
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .


Similar Part No. - LX5213CDP

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX521 POLYFET-LX521 Datasheet
45Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
Microsemi Corporation
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CDP MICROSEMI-LX5211CDP Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CPWP MICROSEMI-LX5211CPWP Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
More results

Similar Description - LX5213CDP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5604 TI-UC5604 Datasheet
244Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5107 MICROSEMI-LX5107 Datasheet
155Kb / 5P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5207 MICROSEMI-LX5207 Datasheet
140Kb / 4P
18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5208 MICROSEMI-LX5208 Datasheet
144Kb / 4P
18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
logo
Texas Instruments
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com