Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2055A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA2055A
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2055A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA2055A Datasheet HTML 1Page - ON Semiconductor ENA2055A Datasheet HTML 2Page - ON Semiconductor ENA2055A Datasheet HTML 3Page - ON Semiconductor ENA2055A Datasheet HTML 4Page - ON Semiconductor ENA2055A Datasheet HTML 5Page - ON Semiconductor ENA2055A Datasheet HTML 6Page - ON Semiconductor ENA2055A Datasheet HTML 7Page - ON Semiconductor ENA2055A Datasheet HTML 8Page - ON Semiconductor ENA2055A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LC87F0N04A
No.A2055-2/19
Minimum Bus Cycle
100.0ns (10MHz at VDD=2.8V to 5.5V)
Note: The bus cycle time here refers to the ROM read speed.
 Ports
 Normal withstand voltage I/O ports
Ports I/O direction can be designated in 1 bit units
12(P00 to P03, P1n)
 Reset pin
1 (RES)
 On-chip Debugger pin
1 (OWP0)
 Power pins
2 (VSS, VDD)
Timers
Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs)
 2 channels
Mode 1: 8-bit PWM with an 8-bit prescaler
 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(The lower-order 8 bits can be used as PWM.)
Base timer
1) The clock is selectable from system clock, and timer 0 prescaler output.
2) Interrupts are programmable in 5 different time schemes
SIO
SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
AD Converter: 10 bits/8 bits
 6 channels
10/8 bits AD converter resolution selectable
Auto start function (It links an interrupt factor of Motor control PWM)
Remote Control Receiver Circuit (sharing pins with P11, INT3)
Noise rejection function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
Clock Output Function
Can generate clock outputs with a frequency of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 of the source clock selected as the
system clock.
Analog Comparator
 2 channels
Analog comparator Interrupt.
Analog comparator reference selectable (External input / Programmable on-chip voltage reference).
The voltage reference has 2 ranges with 16-level voltage levels in each range.
Rang1: CMP1vref1= (CMP1vref-Register<3:0> + 1 )/16
 VDD  0.64
CMP2vref2= (CMP2vref-Register<3:0> + 1 )/16
 VDD  0.64
Rang2: CMP1vref1= (CMP1vref-Register<3:0> + 1 )/64
 VDD  0.64
CMP2vref2= (CMP2vref-Register<3:0> + 1 )/64
 VDD  0.64
MCPWM2: Motor control 10bits PWM with Full-Bridge
Dead time is programmable.
Forced stop is possible by the output of the analog comparator and the INT terminals.
Edge-aligned / center-aligned selectable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com