Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2055A Datasheet(PDF) 3 Page - ON Semiconductor

Part # ENA2055A
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2055A Datasheet(HTML) 3 Page - ON Semiconductor

  ENA2055A Datasheet HTML 1Page - ON Semiconductor ENA2055A Datasheet HTML 2Page - ON Semiconductor ENA2055A Datasheet HTML 3Page - ON Semiconductor ENA2055A Datasheet HTML 4Page - ON Semiconductor ENA2055A Datasheet HTML 5Page - ON Semiconductor ENA2055A Datasheet HTML 6Page - ON Semiconductor ENA2055A Datasheet HTML 7Page - ON Semiconductor ENA2055A Datasheet HTML 8Page - ON Semiconductor ENA2055A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LC87F0N04A
No.A2055-3/19
Watchdog Timer
Can generate the internal reset signal on a timer overflow monitored by the WDT-dedicated low-speed
RC oscillation clock (30kHz).
Allows selection of continue, stop, or hold mode operation of the counter on entry into the HALT/HOLD mode.
Interrupts
14 sources, 9 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L
4
0001BH
H or L
INT3/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
-
8
0003BH
H or L
SIO1/PWM
9
00043H
H or L
ADC
10
0004BH
H or L
CMP1/CMP2
Priority levels X > H > L
Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 64levels (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
Oscillation Circuits
Internal oscillation circuits
Medium-speed RC oscillation circuit : For system clock (1MHz)
High-speed RC oscillation circuit :
For system clock (10MHz)
Low-speed RC oscillation circuit :
For watch dog timer (30kHz)
System Clock Divider Function
Can run on low current.
The minimum instruction cycle selectable from 300ns, 600ns, 1.2s, 2.4s, 4.8s, 9.6s, 19.2s, 38.4s, and
76.8
s (at a main clock rate of 10MHz).
Internal Reset Function
Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V, and
4.35V) through option configuration.
Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use / disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V, 2.51V,
2.81V, 3.79V, 4.28V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com