Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1124 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—8
Frequency tables
(Note) A4 is the following note.
Number
Frequenc y
divider
Relative
error
(cent)
32.768 kHz
system
37.5 kHz system
38.4 kHz system
48 kHz system
Pitch
Frequenc y
(Hz)
Pitch
Frequenc y
(Hz)
Pitch
Frequenc y
(Hz)
Pitch
Frequenc y
(Hz)
1
247
2.49
C3
132.664
D#3
151.822
D#3
155.466
G3
194.332
2
233
3.50
C#3
140.635
E3
160.944
E3
164.807
G#3
206.009
3
220
2.89
D3
148.945
F3
170.455
F3
174.545
A3
218.182
4
208
0.00
D#3
157.538
F#3
180.288
F#3
184.615
A#3
230.769
5
196
2.88
E3
167.184
G3
191.327
G3
195.918
B3
244.898
6
185
2.87
F3
177.124
G#3
202.703
G#3
207.568
C4
259.459
7
175
−0.93
F#3
187.246
A3
214.286
A3
219.429
C#4
274.286
8
165
0.94
G3
198.594
A#3
227.273
A#3
232.727
D4
290.909
9
156
−1.96
G#3
210.051
B3
240.385
B3
246.154
D#4
307.692
10
147
0.93
A3
222.912
C4
255.102
C4
261.224
E4
326.531
11
139
−2.21
A#3
235.741
C#4
269.784
C#4
276.259
F4
345.324
12
131
0.42
B3
250.137
D4
286.260
D4
293.130
F#4
366.412
13
124
−4.50
C4
264.258
D#4
302.419
D#4
309.677
G4
387.097
14
117
−3.91
C#4
280.068
E4
320.513
E4
328.205
G#4
410.256
15
110
2.89
D4
297.891
F4
340.909
F4
349.091
A4
436.364
16
104
0.00
D#4
315.077
F#4
360.577
F#4
369.231
A#4
461.538
17
98
2.88
E4
334.367
G4
382.653
G4
391.837
B4
489.796
18
93
−6.46
F4
352.344
G#4
403.226
G#4
412.903
C5
516.129
19
87
8.99
F#4
376.644
A4
431.034
A4
441.379
C#5
551.724
20
83
−9.52
G4
394.795
A#4
451.807
A#4
462.651
D5
578.313
21
78
−1.96
G#4
420.103
B4
480.769
B4
492.308
D#5
615.385
22
74
−10.81
A4
442.811
C5
506.757
C5
518.919
E5
648.649
23
69
10.29
A#4
474.899
C#5
543.478
C#5
556.522
F5
695.652
24
66
−12.74
B4
496.485
D5
568.182
D5
581.818
F#5
727.273
25
62
−4.50
C5
528.516
D#5
604.839
D#5
619.355
G5
774.194
26
58
10.95
C#5
564.966
E5
646.552
E5
662.069
G#5
827.586
27
55
2.89
D5
595.782
F5
681.818
F5
698.182
A5
872.727
28
52
0.00
D#5
630.154
F#5
721.154
F#5
738.462
A#5
923.077
29
49
2.88
E5
668.735
G5
765.306
G5
783.673
B5
979.592
30
46
12.26
F5
712.348
G#5
815.217
G#5
834.783
C6
1043.478
31
44
−10.79
F#5
744.727
A5
852.273
A5
872.727
C#6
1090.909
32
41
11.47
G5
799.220
A#5
914.634
A#5
936.585
D6
1170.732
33
39
−1.96
G#5
840.205
B5
961.538
B5
984.615
D#6
1230.769
34
37
−10.81
A5
885.622
C6
1013.514
C6
1037.838
E6
1297.297
35
35
−14.62
A#5
936.229
C#6
1071.429
C#6
1097.143
F6
1371.429
36
33
−12.74
B5
992.970
D6
1136.364
D6
1163.636
F#6
1454.545
37
31
−4.50
C6
1057.032
D#6
1209.677
D#6
1238.710
G6
1548.387
38
29
10.95
C#6
1129.931
E6
1293.103
E6
1324.138
G#6
1655.172
39
28
−28.30
D6
1170.286
F6
1339.286
F6
1371.429
A6
1714.286
40
26
0.00
D#6
1260.308
F#6
1442.308
F#6
1476.923
A#6
1846.154
41
25
−32.09
E6
1310.720
G6
1500.000
G6
1536.000
B6
1920.000
42
23
12.26
F6
1424.696
G#6
1630.435
G#6
1669.565
C7
2086.957
43
22
−10.79
F#6
1489.455
A6
1704.545
A6
1745.455
C#7
2181.818
44
21
−30.25
G6
1560.381
A#6
1785.714
A#6
1828.571
D7
2285.714
+21.84 cent pitch
error
−44.64 cent pitch
error
−3.58 cent pitch
error
−17.26 cent pitch
error
A4 (440Hz)
Pitch
R e ference
frequency
C3
130.8128
C#3
138.5913
D3
146.8325
D#3
155.5635
E3
164.8138
F3
174.6143
F#3
184.9973
G3
195.9978
G#3
207.6525
A3
220.0000
A#3
233.0820
B3
246.9418
C4
261.6255
C#4
277.1825
D4
293.6650
D#4
311.1270
E4
329.6275
F4
349.2285
F#4
369.9945
G4
391.9955
G#4
415.3050
A4
440.0000
A#4
466.1640
B4
493.8835
C5
523.2510
C#5
554.3650
D5
587.3300
D#5
622.2540
E5
659.2550
F5
698.4570
F#5
739.9890
G5
783.9910
G#5
830.6100
A5
880.0000
A#5
932.3280
B5
987.7670
C6
1046.5020
C#6
1108.7300
D6
1174.6600
D#6
1244.5080
E6
1318.5100
F6
1396.9140
F#6
1479.9780
G6
1567.9820
G#6
1661.2200
A6
1760.0000
A#6
1864.6560
B6
1975.5340
C7
2093.0040
C#7
2217.4600
D7
2349.3200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com