Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1124 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM1124 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Multimelody IC for Pagers
OVERVIEW
The SM1124 Series are melody pager multi-melody
ICs fabricated in NPC’s Molybdenum-gate CMOS.
A maximum of 16 tunes can be stored in
programmable ROM, and the Molybdenum-gate
CMOS process realizes small-sized packages and
low power dissipation.
FEATURES
s
Maximum of 16 tune selections (with up to 512
steps)
s
Level hold playback mode
s
External reference clock input. The frequency can
be selected from the following 12 settings.
• Playback frequency of each song varies (8
frequencies)
- 32.768 kHz system: 32.768 and 65.536 kHz
- 37.5 kHz system: 37.5 and 75.0 kHz
- 38.4 kHz system: 38.4 and 76.8 kHz
- 48.0 kHz system: 48.0 and 96.0 kHz
• Playback frequency of all songs is fixed (4
frequencies)
- 32.768 kHz system: 131.072 kHz
- 37.5 kHz system: 150.0 kHz
- 38.4 kHz system: 153.6 kHz
- 48.0 kHz system: 192.0 kHz
s
2-pin serial data tune selection
s
Power save function
s
External clock gating in non-play mode.
s
2.4 to 3.6 V supply voltage
s
8-pin plastic SOP package
s
Molybdenum-gate CMOS process
PINOUT
8-pin SOP
PACKAGE DIMENSIONS
Unit: mm
CLK
SI
SC
ST
VSS
VDD
MTO
TEST
1
4
5
8
0.4 0.1
1.27
0.4 0.2
010
5.2 0.3
0.15
+ 0.10
− 0.05
0.695TYP


Similar Part No. - SM1124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM112.SA ETC2-SM112.SA Datasheet
3Mb / 4P
General Purpose Tweezers
logo
AiT Semiconductor Inc.
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
logo
Pletronics, Inc.
SM1120BDE PLETRONICS-SM1120BDE Datasheet
202Kb / 2P
CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1120BDS PLETRONICS-SM1120BDS Datasheet
202Kb / 2P
CMOS with Enable/ Disable, 3rd Overtone Crystal Used
More results

Similar Description - SM1124

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
SM8211M NPC-SM8211M Datasheet
145Kb / 22P
POCSAG Decoder For Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
POCSAG Decoder For Multiframe Pagers
logo
Rohm
BH6111FV ROHM-BH6111FV Datasheet
148Kb / 9P
Power unit IC for pagers
BH6113FV ROHM-BH6113FV Datasheet
207Kb / 11P
Power unit ICs for pagers
logo
Nippon Precision Circui...
SM1125 NPC-SM1125_06 Datasheet
114Kb / 13P
Multimelody IC for Pagers
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125ABV NPC-SM1125ABV Datasheet
93Kb / 9P
Multimelody IC for Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
HSC Tone Decoder for pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com