Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1HC4B Datasheet(PDF) 13 Page - ON Semiconductor

Part # LC87F1HC4B
Description  8-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LC87F1HC4B Datasheet HTML 9Page - ON Semiconductor LC87F1HC4B Datasheet HTML 10Page - ON Semiconductor LC87F1HC4B Datasheet HTML 11Page - ON Semiconductor LC87F1HC4B Datasheet HTML 12Page - ON Semiconductor LC87F1HC4B Datasheet HTML 13Page - ON Semiconductor LC87F1HC4B Datasheet HTML 14Page - ON Semiconductor LC87F1HC4B Datasheet HTML 15Page - ON Semiconductor LC87F1HC4B Datasheet HTML 16Page - ON Semiconductor LC87F1HC4B Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LC87F1HC4B
www.onsemi.com
13
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2, VDD3
VDD1= VDD2= VDD3
0.3
+6.5
V
Input voltage
VI(1)
XT1, CF1
0.3
VDD+0.3
Input/output
voltage
VIO(1)
Ports 0, 1, 2, 3, 7
PWM0, PWM1
XT2
0.3
VDD+0.3
Peak output
current
IOPH(1)
Ports 0, 1, 2
• When CMOS output
type is selected
• Per 1 applicable pin
10
mA
IOPH(2)
PWM0, PWM1
Per 1 applicable pin
20
IOPH(3)
Port 3
P71 to P73
• When CMOS output
type is selected
• Per 1 applicable pin
5
Average
output current
(Note 1-1)
IOMH(1)
Ports 0, 1, 2
• When CMOS output
type is selected
• Per 1 applicable pin
7.5
IOMH(2)
PWM0, PWM1
Per 1 applicable pin
15
IOMH(3)
Port 3
P71 to P73
• When CMOS output
type is selected
• Per 1 applicable pin
3
Total output
current
IOAH(1)
Ports 0, 2
Total current of all
applicable pins
25
IOAH(2)
Port 1
PWM0, PWM1
Total current of all
applicable pins
25
IOAH(3)
Ports 0, 1, 2
PWM0, PWM1
Total current of all
applicable pins
45
IOAH(4)
Port 3
P71 to P73
Total current of all
applicable pins
10
IOAH(5)
UHD+, UHD
Total current of all
applicable pins
25
Peak output
current
IOPL(1)
P02 to P07
Ports 1, 2
PWM0, PWM1
Per 1 applicable pin
20
IOPL(2)
P00, P01
Per 1 applicable pin
30
IOPL(3)
Ports 3, 7
XT2
Per 1 applicable pin
10
Average
output current
(Note 1-1)
IOML(1)
P02 to P07
Ports 1, 2
PWM0, PWM1
Per 1 applicable pin
15
IOML(2)
P00, P01
Per 1 applicable pin
20
IOML(3)
Ports 3, 7
XT2
Per 1 applicable pin
7.5
Total output
current
IOAL(1)
Ports 0, 2
Total current of all
applicable pins
45
IOAL(2)
Port 1
PWM0, PWM1
Total current of all
applicable pins
45
IOAL(3)
Ports 0, 1, 2
PWM0, PWM1
Total current of all
applicable pins
80
IOAL(4)
Ports 3, 7
XT2
Total current of all
applicable pins
15
IOAL(5)
UHD+, UHD
Total current of all
applicable pins
25
Allowable power
Dissipation
Pd max
SQFP48(7
7)
Ta=
40 to +85C
140
mW
Operating ambient
Temperature
Topr
40
+85
C
Storage ambient
temperature
Tstg
55
+125
Note 1-1: The average output current is an average of current values measured over 100 ms intervals.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com