Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1HC4B Datasheet(PDF) 21 Page - ON Semiconductor

Part # LC87F1HC4B
Description  8-bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1HC4B Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LC87F1HC4B Datasheet HTML 17Page - ON Semiconductor LC87F1HC4B Datasheet HTML 18Page - ON Semiconductor LC87F1HC4B Datasheet HTML 19Page - ON Semiconductor LC87F1HC4B Datasheet HTML 20Page - ON Semiconductor LC87F1HC4B Datasheet HTML 21Page - ON Semiconductor LC87F1HC4B Datasheet HTML 22Page - ON Semiconductor LC87F1HC4B Datasheet HTML 23Page - ON Semiconductor LC87F1HC4B Datasheet HTML 24Page - ON Semiconductor LC87F1HC4B Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LC87F1HC4B
www.onsemi.com
21
Pulse Input Conditions at Ta = 40°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
High/low level
pulse width
tP1H(1)
tP1L(1)
INT0(P70), INT1(P71),
INT2(P72),
INT4(P20 to P23),
INT5(P24 to P27),
INT6(P20),
INT7(P24)
 Interrupt source flag can be set.
 Event inputs for timer 0 or 1 are
enabled.
2.7 to 5.5
1
tCYC
tPIH(2)
tPIL(2)
INT3(P73) when noise
filter time constant is
1/1
 Interrupt source flag can be set.
 Event inputs for timer 0 are
enabled.
2.7 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P73) when noise
filter time constant is
1/32
 Interrupt source flag can be set.
 Event inputs for timer 0 are
nabled.
2.7 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P73) when noise
filter time constant is
1/128
 Interrupt source flag can be set.
 Event inputs for timer 0 are
enabled.
2.7 to 5.5
256
tPIL(5)
RMIN(P73)
Recognized by the infrared remote
control receiver circuit as a signal
2.7 to 5.5
4
RMCK
(Note 5-1)
tPIL(6)
RES
Resetting is enabled.
2.7 to 5.5
200
s
Note 5-1: Represents the period of the reference clock (1 tCYC to 128 tCYC or the source frequency of the subclock)
for the infrared remote control receiver circuit.
AD Converter Characteristics at Ta = 40°C to +85°C, VSS1 = VSS2 = VSS3 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Resolution
N
AN0(P00) to
AN7(P07),
AN8(P70),
AN9(P71),
AN10(XT1),
AN11(XT2)
3.0 to 5.5
8
bit
Absolute
accuracy
ET
(Note 6-1)
3.0 to 5.5
1.5
LSB
Conversion time
TCAD
AD conversion time=32
tCYC
(when ADCR2=0) (Note 6-2)
4.5 to 5.5
15.68
(tCYC=
0.490µs)
97.92
(tCYC=
3.06µs)
s
3.0 to 5.5
23.52
(tCYC=
0.735µs)
97.92
(tCYC=
3.06µs)
AD conversion time=64
tCYC
(when ADCR2=1) (Note 6-2)
4.5 to 5.5
18.82
(tCYC=
0. 294µs)
97.92
(tCYC=
1.53µs)
3.0 to 5.5
47.04
(tCYC=
0.735µs)
97.92
(tCYC=
1.53µs)
Analog input
voltage range
VAIN
3.0 to 5.5
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
3.0 to 5.5
1
A
IAINL
VAIN=VSS
3.0 to 5.5
1
Note 6-1: The quantization error (1/2LSB) is excluded from the absolute accuracy.
Note 6-2: The conversion time refers to the period from the time when an instruction for starting a conversion process is
issued to the time the conversion results register(s) are loaded with a complete digital conversion value
corresponding to the analog input value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com