Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1350 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—8
S0 to S3 chattering prevention function
In binary select mode, S0 to S3 are sampled in sync
with the 15.26 Hz clock during level-hold melody
output. The chatter prevention function compares the
data sampled 65.5 ms after a data transition on S0 to
S3 with the data sampled 65.5 ms before the data
transition. If the 2 data samples are the same, then
the data transition is considered invalid. However, if
they are the not the same indicating a true transition
has occurred, melody output stops and only restarts
again after 2 consecutive identical melody select data
samples occur.
Note that except for the “Select change retrigger
[No]” master slice option and binary select mode
with level hold output, the S0 to S3 chattering
prevention circuit is disabled.
Initialization
When power on and ICN goes LOW, all pins and internal states are initialized to the states shown below. ICN
initialization has priority over all other inputs.
s
Output pins
• SP, SPN
Open
• MSB, MSBN
VDD
•CT
VSS
• BUSYN
VDD
s
Serial melody counter
Reset to first melody (S0 to S3 all 1)
s
Oscillator circuit
Stopped
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics.
Figure 3. S0 to S3 chattering prevention timing
15.26Hz
S0 to S3
#N
#M
#S
65.5
ms
65.5
ms
65.5
ms
65.5
ms
65.5
ms
65.5
ms
#N
#N
#M
#S
Melody
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com