Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1350 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM1350 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
High Tone Quality Melody LSI
OVERVIEW
The SM1350 series are single-chip high tone quality
melody ICs, fabricated using NPC’s Molybdenum-
gate CMOS process. Melodies are selected in serial
or binary (parallel) mode, up to a maximum of 16
melody blocks. There are 4 sound generators
incorporated to produce 4 kinds of output tone
controlled by 16-tone data, making these ICs ideal
for mechanical clocks and similar applications where
high tone quality output is demanded.
FEATURES
s
Basic Functions
• 4.0 MHz oscillator frequency
• Power-save function
- Oscillator stopped when no output
- S0 to S3, MODE, LH pull-up resistors open
• BTL or A-class outputs
• Chattering prevention circuit (STN, STOP, S0
to S3)
• 10-bit D/A converter
s
Sound Generator Functions
• DWS (dual wave synthesis) sound generators
• 4 simultaneous sounds for 4 tones
• G2 to F#7 note range
• 16-tone programmable
s
Melody Functions
• Up to 16 programmable melodies (singly or in
medleys)
• 1024-step length (notes, rests, jumps, end
codes)
• Level hold/one-shot melody modes
• Serial/binary (parallel) select modes
• 4.8 to 605.6 tempo range in 127 steps
• 12 rhythm values
• Ties and slurs programmable
s
Control Signal Outputs
• BUSYN signal LOW during melody output
• CT signal output for external control
s
2.4 to 5.5 V supply voltage
s
Package
• 24-pin SSOP (SM1350
×××)
s
Molybdenum-gate CMOS
PINOUT(TOP VIEW)
PACKAGE DIMENSIONS
24-pin SSOP (Unit: mm)
ORDERING INFOMATION
3
3
3
3
D evice
Packag e
SM1350
×××M
24pin SSOP
VDD
S0
S1
S2
S3
MODE
LH
XT
XTN
TO
T3N
T2N
T1N
MSBN
STOP
MSB
STN
BUSYN
CT
SP
SPN
VOL
ICN
VSS
1
12
13
24
0.7
0.8
0.36 0.10
10.20 0.30
10.05 0.20
0.15
+ 0.1
− 0.05
010
0.50 0.20


Similar Part No. - SM1350

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
More results

Similar Description - SM1350

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
logo
Sharp Corporation
LR4089B SHARP-LR4089B Datasheet
320Kb / 6P
Tone Dialer LSI
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
Pulse/Tone Dialer LSI
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
DTMF Tone Dialer LSI
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
TONE DIALER LSI
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
Dual-tone Melody Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com