Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8413 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8413
Description  50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8413 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8413 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8413 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8413
URL: http://www.pasternack.com/n-female-circulator-7-124-ghz-10w-p.aspx
PE8413
PE8413 REV 1.0
50 Ohm N Circulator Operating From 7 GHz to
12.4 GHz And 10 Watts With 20 dB Isolation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com