Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8413 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8413
Description  50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8413 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8413 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8413 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Connector 2
N Female
Connector 3
N Female
Frequency Range
7 GHz to 12.4 GHz
Design
Circulator
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
7
12.4
GHz
Impedance
50
Ohms
Insertion Loss
0.6
dB
Forward Power
10
Watts
Reverse Power
10
Watts
Input VSWR
1.25:1
Isolation
20
dB
.
Mechanical Specifications
Size
Length
2.33 in [59.18 mm]
Width
0.75 in [19.05 mm]
Height
1.74 in [44.2 mm]
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/20/2011
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8413
PE8413
PE8413 REV 1.0
50 Ohm N Circulator Operating From 7 GHz to
12.4 GHz And 10 Watts With 20 dB Isolation


Similar Part No. - PE8413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8410 PASTERNACK-PE8410 Datasheet
258Kb / 1P
N FEMALE CIRCULATOR, 1-2 GHz, 10w
PE8411 PASTERNACK-PE8411 Datasheet
100Kb / 1P
N FEMALE CIRCULATOR 2-4 GHz 10w
PE8412 PASTERNACK-PE8412 Datasheet
270Kb / 1P
N FEMALE CIRCULATOR 4-8 GHz 10w
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
Ultra-High Linearity Broadband Quad MOSFET Array
More results

Similar Description - PE8413

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8406 PASTERNACK-PE8406 Datasheet
242Kb / 3P
50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isolation
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8415 PASTERNACK-PE8415 Datasheet
163Kb / 2P
50 Ohm N Circulator Operating From 1.7 GHz to2.2 GHz And 10 Watts
PE8313 PASTERNACK-PE8313 Datasheet
158Kb / 2P
50 Ohm N Isolator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8318 PASTERNACK-PE8318 Datasheet
164Kb / 2P
50 Ohm SMA Isolator Operating From 17.3 GHz to 22 GHz And 10 Watts With 20 dB Isolation
PE8319 PASTERNACK-PE8319 Datasheet
214Kb / 3P
50 Ohm 2.92mm Isolator Operating From 27 GHz to 31 GHz And 5 Watts With 20 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
PE8432 PASTERNACK-PE8432 Datasheet
319Kb / 2P
50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com