Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5002LC Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5002LC
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5002LC Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5002LC Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—5
Electrical Characteristics
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C, unless otherwise noted.
Parameter
Symbol
Conditions
Limits
Units
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7 V, IOH = 8 mA
2.2
2.4
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7 V, IOL = 8 mA
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2,
INH = LOW, VDD = 3.6V
VOH = VDD
10
µA
VOL = VSS
10
µA
HIGH-level input voltage
VIH
INH pin
0.7VDD
––
V
LOW-level input voltage
VIL
INH pin
0.3VDD
V
Current consumption
IDD
INH = open,
Measurement cct 3,
load cct 1,
VDD = 3.0 to 3.6 V
SM5002LAS, SM5002LFS
CF5002LA, CF5002LF
CL = 30 pF, f = 30 MHz
–10
18
mA
SM5002LBS, CF5002LB
CL = 30 pF, f = 50 MHz
–15
25
mA
SM5002LCS, CF5002LC
CL = 30 pF, f = 70 MHz
–20
35
mA
SM5002LDS, SM5002LES
CF5002LD, CF5002LE
CL = 15 pF, f = 100 MHz
–25
45
mA
Standby current
IST
INH = LOW, Measurement cct 3
3
10
µA
INH pull-up resistance
RUP1
Measurement cct 4, INH = LOW
0.4
4
M
RUP2
Measurement cct 4, INH = 0.7VDD
50
150
k
AC feedback resistance
Rf1
Design value,
determined by the
internal wafer pattern
SM5002LAS, CF5002LA
4.7
5.6
6.5
k
SM5002LBS, CF5002LB
4.0
4.7
5.4
k
SM5002LCS, SM5002LDS
CF5002LC, CF5002LD
3.3
3.9
4.5
k
SM5002LES, CF5002LE
2.2
2.7
3.2
k
SM5002LFS, CF5002LF
7.2
8.5
9.8
k
DC feedback resistance
Rf2
Measurement cct 5
50
150
k
AC feedback capacitance
Cf
Design value, determined by the internal wafer pattern
19.8
22
24.2
pF
Built-in capacitance
CG
Design value,
determined by the
internal wafer pattern
SM5002LAS, CF5002LA
SM5002LBS, CF5002LB
SM5002LCS, CF5002LC
SM5002LDS, CF5002LD
SM5002LES, CF5002LE
7.2
8
8.8
pF
SM5002LFS, CF5002LF
9
10
11
pF
CD
SM5002LAS, CF5002LA
SM5002LBS, CF5002LB
SM5002LFS, CF5002LF
13.5
15
16.5
pF
SM5002LCS, CF5002LC
SM5002LDS, CF5002LD
SM5002LES, CF5002LE
910
11
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com