Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5002LC Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5002LC
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5002LC Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  CF5002LC Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5002LC Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—6
Switching Characteristics
VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
The oscillator stops when INH goes LOW. When the oscillator stops, the oscillator output on Q goes high
impedance.
Parameter
Symbol
Conditions
Limits
Units
min
typ
max
Output rise time
tr1
Measurement cct 3,
load cct 1,
0.1VDD → 0.9VDD
VDD = 2.7 to 3.6 V,
CL = 15 pF
–24
ns
tr2
VDD = 3.0 to 3.6 V,
CL = 30 pF
2.5
5
ns
Output fall time
tf1
Measurement cct 3,
load cct 1,
0.9VDD → 0.1VDD
VDD = 2.7 to 3.6 V,
CL = 15 pF
–24
ns
tf2
VDD = 3.0 to 3.6 V,
CL = 30 pF
2.5
5
ns
Output duty cycle1
1. Monitored in sample lots.
DUTY
Measurement cct 3,
load cct 1,
Ta = 25 °C,
VDD = 3.0 V
SM5002LAS, SM5002LFS
CF5002LA, CF5002LF
CL = 30 pF, f = 30 MHz
45–55
%
SM5002LBS, CF5002LB
CL = 30 pF, f = 50 MHz
45–55
%
SM5002LCS, CF5002LC
CL = 30 pF, f = 70 MHz
45–55
%
SM5002LDS, SM5002LES
CL = 15 pF, f = 100 MHz
40–60
%
CF5002LD, CF5002LE
CL = 15 pF, f = 100 MHz
45–55
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, Ta = 25 °C, VDD = 2.7 V,
load CL ≤ 15 pF
100
ns
Output enable delay time2
tPZL
100
ns
INH
Q
Oscillator
HIGH (or open)
fO output frequency
Normal operation
LOW
High impedance
Stopped
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
30
18.62
16.24
1.733
5.337
50
22.17
7.40
1.370
4.105
70
25.42
4.18
1.254
5.170
100
16.60
3.56
0.726
5.394
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com