Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC79451KB Datasheet(PDF) 18 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 14Page - ON Semiconductor LC79451KB Datasheet HTML 15Page - ON Semiconductor LC79451KB Datasheet HTML 16Page - ON Semiconductor LC79451KB Datasheet HTML 17Page - ON Semiconductor LC79451KB Datasheet HTML 18Page - ON Semiconductor LC79451KB Datasheet HTML 19Page - ON Semiconductor LC79451KB Datasheet HTML 20Page - ON Semiconductor LC79451KB Datasheet HTML 21Page - ON Semiconductor LC79451KB Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LC79451KB
No.A2223-18/38
6-2-4. Image Data
e.g. (0001h) : Image data setting of the segment output SEG0
*1) Address (8bits)
*2) Invalid data (7bits)
*3) Image data (1bit)
e.g. Black
6-2-5. Waveform Parameter List
A. Normal Drive Waveform Parameter List
Waveform
Name
Waveform
Parameter
S(0)
S(1)
S(2)
S(3)
S(4)
S(5)
S(6)
S(7)
S(8)
S(9)
S(10)
S(11)
W0
(White
White)
Output Level
L00
L01
L02
L03
L04
L05
L06
L07
L08
L09
L0A
L0B
W1
(White
Black)
Output Level
L10
L11
L12
L13
L14
L15
L16
L17
L18
L19
L1A
L1B
W2
(Black
White)
Output Level
L20
L21
L22
L23
L24
L25
L26
L27
L28
L29
L2A
L2B
W3
(Black
Black)
Output Level
L30
L31
L32
L33
L34
L35
L36
L37
L38
L39
L3A
L3B
Common
Output Time
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
TA
TB
(Parameter default setting value)
Waveform
Name
Waveform
Parameter
S(0)
S(1)
S(2)
S(3)
S(4)
S(5)
S(6)
S(7)
S(8)
S(9)
S(10)
S(11)
W0
(White
White)
Output Level
+15V
-15V
-15V
0V
0V
0V
0V
0V
0V
0V
0V
0V
W1
(White
Black)
Output Level
-15V
+15V
+15V
+15V
+15V
+15V
+15V
+15V
0V
0V
0V
0V
W2
(Black
White)
Output Level
+15V
-15V
-15V
-15V
-15V
-15V
-15V
-15V
0V
0V
0V
0V
W3
(Black
Black)
Output Level
-15V
+15V
+15V
0V
0V
0V
0V
0V
0V
0V
0V
0V
Common
Clock Period
1ms
1ms
1ms
1ms
1ms
1ms
1ms
1ms
1ms
1ms
1ms
1ms
Clock Count
6
15
15
30
30
30
30
30
2
2
2
2
B. Refresh Drive Waveform Parameter List
Waveform Name
Waveform Parameter
SR(0)
SR(1)
SR(2)
SR(3)
WR
Output Level
LR0
LR1
LR2
LR3
Output Time
TR0
TR1
TR2
TR3
(Parameter default setting value)
Waveform Name
Waveform Parameter
SR(0)
SR(1)
SR(2)
SR(3)
WR
Output Level
+15V
+15V
-15V
-15V
Clock Period
8ms
8ms
8ms
8ms
Clock Count
8
8
8
8
Image data
D0
White
0
Black
1
*1
*2
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
*3
Note: Parameter Name
XYZ / XZ
X
⋅ ⋅ ⋅ L: Output level
T: Output time
Y
⋅ ⋅ ⋅ 0 to 3: Normal drive
R: Refresh drive
Z
⋅ ⋅ ⋅ Section number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com