Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC79451KB Datasheet(PDF) 19 Page - ON Semiconductor

Part # LC79451KB
Description  Controller and Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC79451KB Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LC79451KB Datasheet HTML 15Page - ON Semiconductor LC79451KB Datasheet HTML 16Page - ON Semiconductor LC79451KB Datasheet HTML 17Page - ON Semiconductor LC79451KB Datasheet HTML 18Page - ON Semiconductor LC79451KB Datasheet HTML 19Page - ON Semiconductor LC79451KB Datasheet HTML 20Page - ON Semiconductor LC79451KB Datasheet HTML 21Page - ON Semiconductor LC79451KB Datasheet HTML 22Page - ON Semiconductor LC79451KB Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LC79451KB
No.A2223-19/38
6-3. Mode selection for control of charge-pump and oscillator
Control mode of charge-pump and oscillator is selected by the following.
• Automatic charge-pump mode
• Manual charge-pump mode
6-3-1. Automatic Charge-pump Mode
Automatic charge-pump mode automatically controls stopping from operating charge-pump and oscillator.
Charge-pump and oscillator stop while waveform output standby period. Automatic charge-pump mode is low power
than manual charge-pump mode, though charge-pump takes time to start.
<Flow of operation>
Charge-pump and oscillator start operating with START Flag =1. Waveform is output automatically with finishing of
charge-pump rising period. Charge-pump and oscillator stop automatically after finishing of waveform output period,
and START Flag is automatically canceled.
Charge-pump and oscillator start operating with HVON Flag =1. Charge-pump and oscillator stop automatically after
charge-pump rising period, and HVON Flag is automatically canceled.
Fig.9. Flow of automatic charge-pump mode
6-3-2. Manual Charge-pump Mode
Manual charge-pump mode automatically controls stopping from operating charge-pump and oscillator.
Charge-pump and oscillator are active while waveform output standby period. Manual charge-pump mode is high
power than automatic charge-pump mode, though charge-pump takes no time to start.
<Flow of operation>
Charge-pump and oscillator start operating with HVON Flag =1. The state shifts to waveform output standby period
with finishing of charge-pump rising period. While waveform output standby period, waveform output is started with
START Flag =1, and START Flag is automatically canceled after finishing of waveform output period. Charge-pump
and oscillator stop when HVON Flag is canceled.
Fig.10. Flow of manual charge-pump mode
START Flag
HVON Flag
operation
Charge-pump
rising period
Waveform output
period
Waveform output
standby period
Charge-pump
rising period
Charge-pump rising
waiting time
Oscillator
Charge-pump
Output Driver
operation
operation
operation
Output Driver
operation
Charge-pump
rising period
Waveform output
standby period
Waveform output
period
START Flag
HVON Flag
Waveform output
standby period
Oscillator
Charge-pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com