Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAM200 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTAM200
Description  Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM200 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTAM200 Datasheet HTML 1Page - Wall Industries,Inc. DTAM200 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTAM200 Series
Active PFC
200 Watt Single Output
AC/DC Medical Desktop Power Supply
Rev. A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output
Voltage
Output
Current
Output
Power
Output
Regulation
Ripple &
Noise
CEC (IV)
Energy
Star
DTAM-200A3-1Y12E
12 VDC
16.66 A
200W
±5%
240mVp-p
V
V (1.1)
DTAM-200A3-1Y16E
16 VDC
12.5 A
200W
±5%
300mVp-p
V
V (2.0)
DTAM-200A3-1Y19E
19 VDC
10.53 A
200W
±5%
300mVp-p
V
V (2.0)
DTAM-200A3-1Y20E
20 VDC
10 A
200W
±5%
300mVp-p
V
V (2.0)
DTAM-200A3-1Y24E
24 VDC
8.33 A
200W
±5%
300mVp-p
V
V (2.0)
DTAM-200A3-1Y36E
36 VDC
5.555 A
200W
±5%
300mVp-p
V
V (2.0)
DTAM-200A3-1Y48E
48 VDC
4.166 A
200W
±5%
300mVp-p
V
V (2.0)
NOTES
1. Ripple & Noise is measured at 20MHz bandwidth with a tantalum 10uF in parallel with a 0.1uF ceramic capacitor.
MECHANICAL DRAWING
Unit: inches [mm]
STANDARD OUTPUT CABLE
1. 12VDC: AWM 2464 #16AWG / 6C + SHIELDING, UL 80°C 300V VW-1, 1000mm ±30mm (MIN)
16VDC and up: AWM 2464 #16AWG / 4C + SHIELDING, UL 80°C 300V VW-1, 1800mm ±30mm (MIN)
2. Depends on customer’s requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com