Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAM200 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTAM200
Description  Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM200 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTAM200 Datasheet HTML 1Page - Wall Industries,Inc. DTAM200 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTAM200 Series
Active PFC
200 Watt Single Output
AC/DC Medical Desktop Power Supply
Rev. A
FEATURES
● High Reliability
● Universal Input
● 100% Hi-Pot Tested
● 100% Burn-In Tested
● IEC-320-C14 AC Inlet
● Safety Approvals, EMC Compliance
● 40 mm Cooling Fan with Fan Speed Control
● Meets CEC and Energy Star Level IV Requirements
● Short Circuit, Over Load, and Over Voltage Protected
SPECIFICATIONS: DTAM200 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 - 264VAC (Full Range)
Input Frequency
47 - 63Hz
Input Current (rms)
3A @ 90VAC max;
1.5A @ 264VAC max
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Output Power
200W max.
Voltage Regulation
±5%
Ripple & Noise (20MHz BW)
See Table
Hold Up Time
>16ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection
Auto recover
Over Voltage Protection
Latch, AC Recycle
Over Load Protection
Auto recover
GENERAL SPECIFICATIONS
Efficiency
> 87% @ full load and 115VAC
> 87% @ average load and 115/230VAC for CEC compliant models.
Power Factor
> 0.9 @ full load and 115 / 230VAC
No Load Power Consumption (green functions)
< 500mW
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +40°C
Storage Temperature
-10°C to +85°C
Humidity
20% ~ 90%
Cooling
40 mm cooling fan with fan speed control
MTBF
>80,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
7.42 x 4.11x 2.36 inches
188.5 x 104.5 x 60.0 mm
AC Input
IEC 320-C14 Inlet
SAFETY & EMI
Safety Standards
UL60601-1, CSA C 22.2-No. 60601-1, TUV EN60601-1, CB IEC60601-1
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE


Similar Part No. - DTAM200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
More results

Similar Description - DTAM200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSPRL9802D WALL-PSPRL9802D Datasheet
184Kb / 3P
Active PFC 200 Watt Dual Output AC/DC Switching Power Supply
PSRL0402M WALL-PSRL0402M Datasheet
287Kb / 4P
400 Watt with Airflow Single Output Medical Approved AC/DC Medical Power Supply with Active PFC
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
DTA-080 WALL-DTA-080 Datasheet
135Kb / 2P
With Active PFC 80 Watt Single Output AC/DC Desktop Adapter
DTMPU15 WALL-DTMPU15 Datasheet
200Kb / 3P
15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
DTMPU63 WALL-DTMPU63 Datasheet
151Kb / 3P
63 Watt Single Output AC/DC Medical Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com