Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA54 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SA54
Description  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA54 Datasheet(HTML) 1 Page - Microsemi Corporation

  SA54 Datasheet HTML 1Page - Microsemi Corporation SA54 Datasheet HTML 2Page - Microsemi Corporation SA54 Datasheet HTML 3Page - Microsemi Corporation SA54 Datasheet HTML 4Page - Microsemi Corporation SA54 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
FEATURES:
•
ECONOMICAL SERIES
•
AVAILABLE IN BOTH UNIDIRECTIONAL AND BI-DIRECTIONAL CONSTRUCTION
•
5.0 TO 170 STAND-OFF VOLTAGE AVAILABLE
•
500 WATTS PEAK PULSE POWER DISSIPATION
•
QUICK RESPONSE
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
This Transient Voltage Suppressor is an economical, molded, commercial product
used to protect voltage sensitive components from destruction or partial degradation.
The response time of their clamping action is virtually instantaneous (1 x 10
-12
seconds) and they have a peak pulse power rating of 500 watts for 1 ms as depicted in
Figure 1 and 2. Microsemi also offers a great variety of other Transient Voltage
Suppressor's to meet higher and lower power demands and special applications.
MAXIMUM RATINGS:
MAXIMUM RATINGS:
MAXIMUM RATINGS:
MAXIMUM RATINGS:
Peak Pulse Power Dissipation at 25
°°°°C: 500 Watts
Steady State Power Dissipation: 2.5 Watts at TL = +75°°°°C
3/8" Lead Length
tclamping (0 volts to BV Min.):
Unidirectional <1x10
-12
Seconds: Bi-directional <5x10
-9
Seconds.
Operating and Storage Temperature: -55
°°°° to +175°°°°C
8700 E. Thomas Road
Scottsdale, AZ 85252
Phone: (480) 941-6300
Fax:
(480) 947-1503
5.0 thru 170 volts
500 Watts
Transient Voltage
Suppressors
2 x
∅
∅
∅
∅.032 ± .002
[.81 ± .05]
∅
∅
∅
∅ .107
[2.72]
max.
POLARITY
Mark {cathode}
.205
[5.21]
MAX.
NOTE: DIMENSIONS IN [ ] =MILLIMETERS
FIGURE 1
DERATING CURVE
Continuous
Average Power
Lead Length = 3/8"
Peak Power
(Single pulse)
0
50
100
150
175
25
50
75
100
TYPICAL CHARACTERISTIC CURVES
T
L
LEAD TEMPERATURE °C
Pulse Time Duration
(tp) is Defined as that
point where Ip decays
to 50% of
I surge
Peak Value Ipp
100
50
1
23
4
TIME (t) IN MILLISECONDS
FIGURE 2
PULSE WAVEFORM FOR
EXPONENTIAL SURGE
MECHANICAL
CHARACTERISTICS
CASE: Void free transfer
molded thermosetting
plastic.
FINISH: Readily solderable.
POLARITY: Band denotes
cathode. Bi-directional not
marked.
WEIGHT: 0.7 gram (Appx.).
MOUNTING POSITION: Any
DO-41
2 X1.10
[27.94]
MIN.


Similar Part No. - SA54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA54 PANJIT-SA54 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA54 WTE-SA54 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA54 BYTES-SA54 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA54 DCCOM-SA54 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA54 EIC-SA54 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA54

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Micro Commercial Compon...
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
logo
Central Semiconductor C...
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com