Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307GDWR24 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 11Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 12Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 13Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 14Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 15Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 16Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 17Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 18Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CS5307
http://onsemi.com
15
PWRGD
VLOWER
1.975 V
VOUT
HIGH
LOW
PWRGD
−5.0% +5.0%
−5.0% +5.0%
Figure 19. PWRGD Assertion Window
low
PWRGD
low
PWRGD
high
Figure 20. Adjusting the PWRGD Threshold
VOUT
R1
R2
PWRGDS
Since the internally−set thresholds for PWRGDS are
VID/2 for the lower threshold and a fixed 1.975V for the
upper threshold, a simple equation can be provided to assist
the designer in selecting a resistor divider to provide the
desired PWRGD performance.
VLOWER +
VVID
2 @
R1 ) R2
R1
VUPPER + 1.975 V
The logic circuitry inside the chip sets PWRGD low only
after a delay period has been passed. A “power bad” event
does not cause PWRGD to go low unless it is sustained
through the delay time of 500 μs. If the anomaly disappears
before the end of the delay, the PWRGD output will never
be set low.
In order to use the PWRGD pin as specified, the user is
advised to connect external resistors as necessary to limit the
current into this pin to 4 mA or less.
Undervoltage Lockout
The CS5307 includes an undervoltage lockout circuit.
This circuit keeps the IC’s output drivers low until VCC
applied to the IC reaches 9 V. The GATE outputs are disabled
when VCC drops below 8 V.
Soft Start and Hiccup Mode
At initial power−up, both SS and COMP voltages are zero.
The total SS capacitance will begin to charge with a current
of 160 μA. The error amplifier directly charges the COMP
capacitance. An internal clamp ensures that the COMP pin
voltage will always be less than the voltage at the SS pin,
ensuring proper start−up behavior. All GATE outputs are
held low until the COMP voltage reaches 0.6 V. Once this
threshold is reached, the GATE outputs are released to
operate normally. In current limit, the internal fault latch will
initiate a 5 μA discharge current on the SS pin, and the
internal clamp will discharge the capacitor connected to the
COMP pin at a similar rate. This performance will result in
GATE pulses being generated until the overcurrent
condition reoccurs and the discharge/soft start cycle begins
anew.
Current Limit
Two levels of over−current protection are provided. First,
if the voltage on the Current Sense pins (CSx) exceeds
CSREF by more than a fixed threshold (Single Pulse Current
Limit), the PWM comparator is turned off. This provides
fast peak current protection for individual phases. Second,
the individual phase currents are summed and low−pass
filtered to compare an averaged current signal to a user
adjustable voltage on the OCSET pin. If the OCSET voltage
is exceeded, the fault latch trips and the Soft Start capacitor
discharges until the Soft Start pin reaches 0.3 V. Then Soft
Start begins. The converter will continue to operate in a low
average current hiccup−mode until the fault condition is
corrected.
Fault Protection Logic
The CS5307 includes fault protection circuitry to prevent
harmful modes of operation from occurring. The fault logic
is described in Table 1.
Gate Outputs
The CS5307 is designed to operate with external gate
drivers. Accordingly, the gate outputs are capable of driving
a 100 pF load with typical rise and fall times of 5 ns.
Digital to Analog Converter (DAC)
The output voltage of the CS5307 is set by means of a
5−bit, 1% DAC. The DAC pins are internally pulled up to a
3.3 V rail through a blocking diode and a set of 50 kΩ
resistors. The blocking diode allows external pull up to a
bias voltage greater than 3.3 V and less than 13 V.
The output of the DAC is described in the Electrical
Characteristics section of the data sheet. These outputs are
consistent with the latest VRM and processor specifications.
The DAC output is equal to the VID code specification.
In order to produce a workable power supply using the
CS5307, the designer is expected to use AVP as described
earlier to position the output voltage above the DAC output,
resulting in an output voltage somewhere in the middle of
the acceptable range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com