Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5307GDWR24 Datasheet(PDF) 21 Page - ON Semiconductor

Part # CS5307GDWR24
Description  Four?뭁hase VRM 9.0 Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5307GDWR24 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button CS5307GDWR24 Datasheet HTML 16Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 17Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 18Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 19Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 20Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 21Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 22Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 23Page - ON Semiconductor CS5307GDWR24 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CS5307
http://onsemi.com
21
+
−
Σ
RCS1
CS1
CCS1
L1
IMAX/2
GVDRP
+
−
RCSx
CSx
CCSx
Lx
IMAX/2
GVDRP
CSREF
COMP
Error
Amp
VID Setting
IBIASVFB
RDRP
RFB
VDRP = VID +
IMAX • RL • GVDRP
VFB = VID
VCORE
IDRP
IFB
VCORE = VID − (IDRP − IBIASVFB) w RFB
Figure 25. AVP Circuitry at Full−Load
IDRP = IMAX • RL • GVDRP/RDRP
IFBK = IDRP − IBIASVFB
= VID − IMAX w RL w GVDRP w RFB/RDRP + IBIASVFB w RFB
+ −
Figure 26. VDRP Tuning Waveforms. The RC Time
Constant of the Current Sense Network Is Too Long
(Slow): VDRP and VOUT Respond Too Slowly.
Figure 27. VDRP Tuning Waveforms. The RC Time
Constant of the Current Sense Network Is Too Short
(Fast): VDRP and VOUT Both Overshoot.
Resistor RDRP is connected between the VDRP and the
VFB pins. At no−load, the VDRP and the VFB pins will both
be at the DAC voltage. This resistor will conduct zero
current. However, at full−load, the voltage at the VDRP pin
will increase proportional to the output inductor’s current
while VFB will still be regulated to the DAC voltage. Current
will be conducted from VDRP to VFB by RDRP. This current
will be large enough to supply the VFB bias current and cause
a voltage drop from VFB to VCORE across RFB. The
converter’s output voltage will be reduced. This condition is
shown in Figure 25.
To determine the value of RDRP, the designer must specify
the full−load voltage reduction from the VID (DAC) setting
(ΔVOUT,FULL−LOAD) and predict the voltage increase at the
VDRP pin at full−load. Usually, the full−load voltage
reduction is specified in the design guide for the processor
that is available from the manufacturer. To predict the
voltage increase at the VDRP pin at full−load (ΔVDRP), the
designer must consider the output inductor’s resistance
(RL), the PCB trace resistance between the current sense
points (RPCB) and the controller IC’s gain from the current
sense to the VDRP pin (GVDRP):
DVDRP + IO,MAX @ (RL ) RPCB) @ GVDRP (30)
The value of RDRP can then be calculated:
RDRP +
DVDRP
(IBIASVFB ) DVOUT,FULL−LOAD RFB)
(31)
ΔVOUT,FULL−LOAD is the full−load voltage reduction
from the VID (DAC) setting. ΔVOUT,FULL−LOAD is not the
voltage change from the no−load AVP setting.
7. Current Sensing
For inductive current sensing, choose the current sense
network (RCSx, CCSx, x = 1, 2, 3, or 4) to satisfy
RCSx @ CCSx + Lo (RL ) RPCB)
(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com