Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCP1103 Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCP1103
Description  Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1103 Datasheet(HTML) 2 Page - ON Semiconductor

  PCP1103 Datasheet HTML 1Page - ON Semiconductor PCP1103 Datasheet HTML 2Page - ON Semiconductor PCP1103 Datasheet HTML 3Page - ON Semiconductor PCP1103 Datasheet HTML 4Page - ON Semiconductor PCP1103 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCP1103
No.A1346-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
--300
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --30V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--0.1
μA
DC Current Gain
hFE
VCE= --2V, IC= --100mA
200
560
Gain-Bandwidth Product
fT
VCE= --10V, IC= --300mA
450
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
9
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC= --0.75A, IB= --15mA
--250
--375
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC= --0.75A, IB= --15mA
--0.85
--1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--30
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--30
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE= --10μA, IC=0A
--5
V
Turn-On Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
115
ns
Fall Time
tf
30
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
PCP1103-TD-H
PCP
1,000pcs./reel
Pb Free and Halogem Free
RB
VCC= --12V
IC=20IB1= --20IB2= --0.75A
+
50
Ω
INPUT
OUTPUT
820
μF
PW=50
μs
IB1
D.C.
≤1%
IB2
RL
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
--50mA
--40mA
--30mA
--20mA
--2.0
--1.4
--1.2
--1.6
--1.8
--1.0
--0.4
--0.2
--0.6
--0.8
0
0
--0.4
--0.8
--0.9
--1.0
--0.2
--0.6
--0.3
--0.7
--0.1
--0.5
IB=0mA
IT14106
--2mA
--4mA
--6mA
--10mA
--8mA
VCE= --2V
--1.6
--1.2
--0.6
--0.8
--1.4
--1.0
--0.2
--0.4
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT14107



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com