Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCP1103 Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCP1103
Description  Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1103 Datasheet(HTML) 3 Page - ON Semiconductor

  PCP1103 Datasheet HTML 1Page - ON Semiconductor PCP1103 Datasheet HTML 2Page - ON Semiconductor PCP1103 Datasheet HTML 3Page - ON Semiconductor PCP1103 Datasheet HTML 4Page - ON Semiconductor PCP1103 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCP1103
No.A1346-3/5
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
S O A
Collector to Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
PC -- Ta
Ambient Temperature, Ta --
°C
f T -- IC
Cob -- VCB
Collector Current, IC -- A
Collector to Base Voltage, VCB -- V
--0.1
7
2
5
3
2
--1.0
--10
7
7
2
5
3
5
3
--0.01
--0.01
--0.1
25
35
72
--1.0
5
37
2
--10
5
37
2 3
IC= --1.5A
10ms
1ms
100ms
ICP= --5A
<10
μs
IT14112
--1.0
3
--0.1
Ta=--25°C
75
°C
3
2
7
5
2
23
5
2
7
--1.0
32
3
57
--0.01
IC / IB=50
IT14111
25°C
--0.1
23
5
2
7
--1.0
32
3
57
--0.01
--0.1
7
5
3
3
2
7
2
5
--0.01
Ta=
75°
C
25
°C
--25
°C
IT14109
IC / IB=20
Ta=75
°C
--25
°C
VCE= --2V
IT14108
100
7
7
2
5
3
5
7
--0.01
3
25
2
--0.1
7
32
3
5
--1.0
25
°C
0
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT14113
1000
3
2
5
7
23
57
2
3
2
57
--0.01
--1.0
--0.1
100
3
2
5
7
3
2
VCE= --10V
IT01679
100
7
5
3
2
7
5
3
2
10
23
5
7
0.1
1.0
23
5
7
10
23
5
IT01681
f=1MHz
--0.1
23
5
2
7
--1.0
32
3
57
--0.01
--0.1
7
5
3
2
2
--1.0
7
5
3
2
--0.01
Ta=75
°C
25°
C
--25°
C
IT14110
IC / IB=50
When mounted on ceramic substrate
(450mm2
×0.8mm)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (450mm2
×0.8mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com