Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS540 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPS540
Description  SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS540 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPS540 Datasheet HTML 1Page - Microsemi Corporation UPS540 Datasheet HTML 2Page - Microsemi Corporation UPS540 Datasheet HTML 3Page - Microsemi Corporation UPS540 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
Watertown Division
580 Pleasant Street Watertown, MA 02472 617-926-0404, Fax: 617-924-1235
Page 2
Copyright
 2000
MSC
1634.PDF 2000-12-01
UPS540
SCHOTTKY BARRIER RECTIFIER
0.5 AMP, 40 VOLT
W A T E R T O W N DI V I S I ON
MA X I MU M R A TI N G S
RATING
(Conditions)
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
V
V
Average Rectified Forward Current
(@ Rated VR and TC = 100°C)
IO
0.5
A
Repetitive Peak Surge Current
(Non-Repetitive peak surge current
@ IO = 0.5 Amps )
IFSM
10
A
Storage Temperature Range
TSTG, TC
-55 to 125
°C
Operating Temperature Range
TJ
-55 to 125
°C
Voltage Rate of Change
(@ Rated VR and TJ = 25°C)
dv/dt
1000
V/us
THER M A L CHARAC TERIS TIC S
RATING
SYMBOL
VALUE
UNIT
Thermal Resistance, Junction – to – Case (1)
Rtjtab
70
°C/W
Thermal Resistance, Junction-to-Ambient (1)
Rtja
230
°C/W
(1) Devices mounted on 2 in. sq. FR-4 Board (2 oz) with minimum footprint
ELEC TRICA L CHAR ACTERI STI CS
RATING
(Conditions)
SYMBOL
VALUE
25
°°°°C 100°°°°C
UNIT
Maximum Instantaneous Forward Voltage
(IF = 0.5 Amps, TJ = +25°C)
(IF = 1 Amps, TJ = +25°C)
VF
VF
0.51
0.46
0.62
0.61
Volts
Maximum Instantaneous Reverse Current
(VR = 15 Vdc, TJ = +25°C)
(VP = 40 Vdc)
IR
IR
10
5,000
20
13,000
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com