Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5838AS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—6
FUNCTIONAL DESCRIPTION
At power-ON reset, device operation can become
irregular during the interval when the control circuits
are being reset. After power-ON reset is released,
this can take up to several 10s of ms in some cases.
Write Reset Cycle, Read Reset Cycle
After power-ON, the write address pointer and read
address pointer positions are undefined. Accordingly,
it is necessary to initialize the pointers using a write
reset cycle and read reset cycle, respectively.
A write reset cycle (read reset cycle) is valid when
RW (RR) goes LOW for an interval that satisfies
both the CLK rising edge setup time (tRS) and hold
time (tRH). Note that a write reset cycle (read reset
cycle) can occur simultaneously with a write cycle
(read cycle). If the cycles are not simultaneous, then
the write reset cycle (read reset cycle) is completed
at the start of the next write cycle (read cycle).
Write reset cycle
Read reset cycle
Note the even if a reset period (tRW, tRR) is zero
length in the write reset and read reset cycles, the
reset operation does take place.
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
CKW
t
RS
t
RS
t
RH
t
RH
t
RW
t
DS
t
DH
t
DH
t
CLK
DIN (n-1)
(n)
(1)
(0)
RW
CKW
t
DS
t
WE="L"
n cycle
reset cycle
0 cycle
1 cycle
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
RR
CKW
t
RS
t
RS
t
RH
t
RH
t
CLK
DOUT
CKW
t
(n-1)
(n)
(1)
(0)
RE="L" , OE="L"
(0)
RR
t
A
t
A
t
A
t
A
t
OH
t
OH
t
OH
t
n cycle
reset cycle
0 cycle
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com