Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCRCWP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DCRCWP
Description  Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCWP Datasheet(HTML) 2 Page - Vishay Siliconix

  DCRCWP Datasheet HTML 1Page - Vishay Siliconix DCRCWP Datasheet HTML 2Page - Vishay Siliconix DCRCWP Datasheet HTML 3Page - Vishay Siliconix DCRCWP Datasheet HTML 4Page - Vishay Siliconix DCRCWP Datasheet HTML 5Page - Vishay Siliconix DCRCWP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D/CRCW-P
www.vishay.com
Vishay
Revision: 21-Jan-14
2
Document Number: 20009
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
D10/
CRCW0402-P
D11/
CRCW0603-P
D12/
CRCW0805-P
D25/
CRCW1206-P
CRCW1210-P CRCW1218-P CRCW2010-P CRCW2512-P
Rated Dissipation at P70 (1)
W
0.063
0.1
0.125
0.25
0.33
1
0.5
1
Operating Voltage
Umax. ACRMS/DC
V
50
75
150
200
200
200
400
500
Insulation Voltage Uins (1 min)
V
75
100
200
300
300
300
300
300
Insulation Resistance
> 109
Operating Temperature Range
°C
- 55 to + 155
Failure Rate
h-1
0.3 x 10-9
Weight
mg
0.65
2
5.5
10
16
29.5
25.5
40.5
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW080525R0DKTAP
MODEL
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
R = Decimal
K = Thousand
M = Million
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
H = ± 50 ppm/K
K = ± 100 ppm/K
TA, TB,
TC, TD,
TE, TF,
TG, TH,
TK
Up to 2 digits
P =
Semi-Precision
PRODUCT DESCRIPTION: CRCW0805-P 100 25R 0.5% RT1
CRCW0805-P
100
75R
0.5 %
RT1
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
CRCW0402-P
CRCW0603-P
CRCW0805-P
CRCW1206-P
CRCW1210-P
CRCW1218-P
CRCW2010-P
CRCW2512-P
± 50 ppm/K
± 100 ppm/K
49K9 = 49.9 k
5R1 = 5.1
± 0.25 %
± 0.5 %
± 1 %
RT1, RT5,
RT6, RT7
RT4, R02,
R67, R82,
RT9
C
R
C
W
0
8
0
5
2
5
R
0
K
A
P
T
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com