Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCRCWP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DCRCWP
Description  Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCWP Datasheet(HTML) 3 Page - Vishay Siliconix

  DCRCWP Datasheet HTML 1Page - Vishay Siliconix DCRCWP Datasheet HTML 2Page - Vishay Siliconix DCRCWP Datasheet HTML 3Page - Vishay Siliconix DCRCWP Datasheet HTML 4Page - Vishay Siliconix DCRCWP Datasheet HTML 5Page - Vishay Siliconix DCRCWP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D/CRCW-P
www.vishay.com
Vishay
Revision: 21-Jan-14
3
Document Number: 20009
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
MODEL
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
D10/CRCW0402-P
TD = RT7
10 000
Paper tape acc. to
IEC 60068-3
Type I
8 mm
2 mm
180 mm/7"
TE = RF4
50 000
330 mm/13"
D11/CRCW0603-P
TA = RT1
5000
8 mm
4 mm
180 mm/7"
TB = RT5
10 000
285 mm/11.25"
TC = RT6
20 000
330 mm/13"
D12/CRCW0805-P
TA = RT1
5000
8 mm
4 mm
180 mm/7"
TB = RT5
10 000
285 mm/11.25"
TC = RT6
20 000
330 mm/13"
D25/CRCW1206-P
TA = RT1
5000
8 mm
4 mm
180 mm/7"
TB = RT5
10 000
285 mm/11.25"
TC = RT6
20 000
330 mm/13"
CRCW1210-P
TA = RT1
5000
12 mm
4 mm
180 mm/7"
TB = RT5
10 000
285 mm/11.25"
TC = RT6
20 000
330 mm/13"
CRCW1218-P
TK = RT9
4000
Blister tape acc. to
IEC 60068-3
Type II
12 mm
4 mm
180 mm/7"
CRCW2010-P
TF = R02
4000
12 mm
4 mm
180 mm/7"
CRCW2512-P
TG = R67
2000
12 mm
8 mm
180 mm/7"
TH = R82
4000
4 mm
DIMENSIONS in millimeters
SIZE
DIMENSIONS
SOLDER PAD DIMENSIONS
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05 0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55
+ 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0
+ 0.20
- 0.10
1.25 ± 0.15 0.45 ± 0.05
0.3
+ 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2
+ 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com