Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS393 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS393
Description  Dual 4?뭆tage Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS393 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS393 Datasheet HTML 1Page - ON Semiconductor SN74LS393 Datasheet HTML 2Page - ON Semiconductor SN74LS393 Datasheet HTML 3Page - ON Semiconductor SN74LS393 Datasheet HTML 4Page - ON Semiconductor SN74LS393 Datasheet HTML 5Page - ON Semiconductor SN74LS393 Datasheet HTML 6Page - ON Semiconductor SN74LS393 Datasheet HTML 7Page - ON Semiconductor SN74LS393 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 2
1
Publication Order Number:
SN74LS393/D
SN74LS393
Dual 4−Stage Binary
Counter
The SN74LS393 contains a pair of high-speed 4-stage ripple
counters.
Each half of the LS393 operates as a Modulo-16 binary divider, with
the last three stages triggered in a ripple fashion. In the LS393, the
flip-flops are triggered by a HIGH-to-LOW transition of their CP
inputs. Each half of each circuit type has a Master Reset input which
responds to a HIGH signal by forcing all four outputs to the LOW
state.
• Dual Versions
• Individual Asynchronous Clear for Each Counter
• Typical Max Count Frequency of 50 MHz
• Input Clamp Diodes Minimize High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current − High
−0.4
mA
IOL
Output Current − Low
8.0
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751A
PLASTIC
N SUFFIX
CASE 646
14
1
14
1
SOEIAJ
M SUFFIX
CASE 965
14
1
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
SN74LS393N
14 Pin DIP
2000 Units/Box
SN74LS393D
SOIC−14
55 Units/Rail
SN74LS393DR2
SOIC−14
2500/Tape & Reel
SN74LS393M
SOEIAJ−14
See Note 1
SN74LS393MEL
SOEIAJ−14
1. For ordering information on the EIAJ version of
the SOIC package, please contact your local
ON Semiconductor representative.
See Note 1


Similar Part No. - SN74LS393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS393 TI-SN74LS393 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN74LS393 TI-SN74LS393 Datasheet
1Mb / 31P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN74LS393 TI1-SN74LS393 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Motorola, Inc
SN74LS393D MOTOROLA-SN74LS393D Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
ON Semiconductor
SN74LS393D ONSEMI-SN74LS393D Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results

Similar Description - SN74LS393

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
DUAL 4-BIT BINARY COUNTER
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC393A ONSEMI-MC74HC393A_06 Datasheet
180Kb / 11P
Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
Dual 4-Bit Binary Counter
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
DUAL 4 BIT BINARY COUNTER
Jul-2001
logo
Texas Instruments
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
DUAL 4-BIT BINARY COUNTER
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
DUAL 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com