Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS393 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SN74LS393
Description  Dual 4?뭆tage Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS393 Datasheet(HTML) 4 Page - ON Semiconductor

  SN74LS393 Datasheet HTML 1Page - ON Semiconductor SN74LS393 Datasheet HTML 2Page - ON Semiconductor SN74LS393 Datasheet HTML 3Page - ON Semiconductor SN74LS393 Datasheet HTML 4Page - ON Semiconductor SN74LS393 Datasheet HTML 5Page - ON Semiconductor SN74LS393 Datasheet HTML 6Page - ON Semiconductor SN74LS393 Datasheet HTML 7Page - ON Semiconductor SN74LS393 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS393
http://onsemi.com
4
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
0.35
0.5
V
IOL = 8.0 mA
IIH
Input HIGH Current
20
μA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
MR
−0.4
mA
VCC = MAX, VIN = 0.4 V
CP, CP0
−1.6
mA
CP1
−2.4
mA
IOS
Short Circuit Current (Note 2)
−20
−100
mA
VCC = MAX
ICC
Power Supply Current
26
mA
VCC = MAX
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
fMAX
Maximum Clock Frequency
CP0 to Q0
25
35
MHz
CL = 15 pF
fMAX
Maximum Clock Frequency
CP1 to Q1
20
MHz
tPLH
tPHL
Propagation Delay,
CP to Q0
12
13
20
20
ns
tPLH
tPHL
CP to Q3
40
40
60
60
ns
tPHL
MR to Any Output
24
39
ns
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
tW
Clock Pulse Width
20
ns
VCC = 5.0 V
tW
MR Pulse Width
20
ns
trec
Recovery Time
25
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com