Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9020 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # ACE9020
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button ACE9020 Datasheet HTML 8Page - Mitel Networks Corporation ACE9020 Datasheet HTML 9Page - Mitel Networks Corporation ACE9020 Datasheet HTML 10Page - Mitel Networks Corporation ACE9020 Datasheet HTML 11Page - Mitel Networks Corporation ACE9020 Datasheet HTML 12Page - Mitel Networks Corporation ACE9020 Datasheet HTML 13Page - Mitel Networks Corporation ACE9020 Datasheet HTML 14Page - Mitel Networks Corporation ACE9020 Datasheet HTML 15Page - Mitel Networks Corporation ACE9020 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
ACE9030
Summary of Normal Commands - DATA2 bits 7, 6 = 01
Normal commands are always a request for data; the ADC registers to be read are defined by Y1 and Y0 in DATA3. A normal
command will also end Sleep mode.
BIT
EFFECT when at 0
EFFECT when at 1
DATA2:
7
With DATA2:6 defines command type
-
6
-
With DATA2:7 defines command type
5
Discriminator powered down
Discriminator active.
4
-
Load Lock threshold register from DATA1:7-1
3
DAC3 powered down
DAC3 active
2
-
Load DOUT7-0 from DATA1:7-0
1
-
Load DAC3 from DATA1:7-0
0
Not used
Not used
DATA3:
7
Not used
Not used
6
LO2 multiplier powered down
LO2 multiplier active
5
Set DOUT8 to OFF
Set DOUT8 to ON, to output the ADC reference voltage
4
-
Load ADC1 comparator from DATA1:7-0
3
-
Load DAC1 from DATA1:7-0
2
-
Load DAC2 from DATA1:7-0
1
Y1 Decode with DATA3:0 for Polling ADC register read
0
Y0 Decode with DATA3:1 for Polling ADC register read
BIT
EFFECT when at 0
EFFECT when at 1
DATA2:
7
-
With DATA2:6 defines command type
6
With DATA2:7 defines command type
-
5
Not used
Not used
4
-
Set OSC8 VCO range from DATA1:5-0
3
-
Set OSC8 VCO offset from DATA1:5-0
2
Select input A for ADC3
Select input B for ADC3
1
Select input A for ADC2
Select input B for ADC2
0
OSC8 off
OSC8 on
DATA3:
7
Crystal oscillator off
Crystal oscillator on
6
Bandgap off - use external reference
Bandgap on
5
-
Set discriminator divisors from DATA1:7,6
and lock detect period from DATA1:5
and OSC8 divisors from DATA1:2-0
4
-
Set bandgap trim from DATA1:7-0
3
Not used
Not used
2
Not used
Not used
1
-
Do a restart if both DATA3 bits 1 and 0 are at 1
0
-
Do a restart if both DATA3 bits 1 and 0 are at 1
Summary of Set-up Commands - DATA2 bits 7, 6 = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com