Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9020 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # ACE9020
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button ACE9020 Datasheet HTML 16Page - Mitel Networks Corporation ACE9020 Datasheet HTML 17Page - Mitel Networks Corporation ACE9020 Datasheet HTML 18Page - Mitel Networks Corporation ACE9020 Datasheet HTML 19Page - Mitel Networks Corporation ACE9020 Datasheet HTML 20Page - Mitel Networks Corporation ACE9020 Datasheet HTML 21Page - Mitel Networks Corporation ACE9020 Datasheet HTML 22Page - Mitel Networks Corporation ACE9020 Datasheet HTML 23Page - Mitel Networks Corporation ACE9020 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
ACE9030
C8B to close the loop. An integration is needed to set the VCO onto the correct frequency and other components can then
ensure loop stability. Enough filtering must be provided to give a clock output suitable for all of its uses - microprocessor clock
and audio filtering. A typical loop filter is shown in figure 17.
AFC Amplifier and Discriminator
Fig. 18 Audio Discriminator And AFCOUT Circuit
correct frequency. Further details of this feature are given in
the APPLICATIONS HINTS section. AFCOUT is also used by
the modem in the ACE9050 to receive signalling DATA.
The other path is the audio discriminator which is a purely
digital implementation of the quadrature technique where the
exclusive-OR gate acts as a digital multiplier and compares
two samples of the AFCIN signal separated by a programma-
ble delay to extract the audio and drive the speech and SAT
paths in the ACE9040. The delay length, M, and the crystal
divider, D, are both programmable for the various crystal and
intermediate frequency choices.
After demodulation the audio is low-pass filtered on-chip
to remove the doubled sampling clock and then bandpass
Fig. 17 Typical OSC8 Loop Filter
The input signal to the pin AFCIN is approximately a
squarewave from the second (final) I.F. amplifier-limiter at 450
or 455 kHz and is A.C. coupled to the pin through a capacitor
of typically 1 nF to drive a Schmitt trigger and become a logic
signal. This signal carries the received modulation - speech,
SAT and signalling data. AFCIN is first amplified and limited
and then processed in two separate paths as in figure 18.
One path samples the input signal at 504 kHz, with a clock
generated by a divide-by-two from the CL clock. This sampling
gives a mixed-down output AFCOUT at 54 kHz when the input
is at exactly 450 kHz and otherwise tracks the offset to allow
estimation of the local oscillator error and the crystal error so
that an AFC loop can be built to adjust the crystal to exactly the
C8B
10nF
12k
VDDA
AFCOUT
TO ACE9050
(FOR AFC
SOFTWARE)
AUDIO
TO ACE9040
PRECISION
BANDPASS
FILTER
C2
R1
R2
R3
C1
EXTERNAL FEEDBACK
(BANDPASS FILTER)
XO
AFCIN
CL
FROM CRYSTAL
OSCILATOR
D = 2 OR 3,
FROM BUS
1 2 3 . . . . M
M = 37 OR 40,
FROM BUS
=1
DRIVER
BP
6 dB
ATT'N
L.PASS
FILTER
: D
DQ
DQ
: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com