Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP
Description  Precision Surface Mount Resistors Wirewound or Metal Film Technologies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP_15 Datasheet HTML 1Page - Vishay Siliconix MSP_15 Datasheet HTML 2Page - Vishay Siliconix MSP_15 Datasheet HTML 3Page - Vishay Siliconix MSP_15 Datasheet HTML 4Page - Vishay Siliconix MSP_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSP
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
2
Document Number: 50003
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TECHNICAL SPECIFICATIONS
RESISTIVE TECHNOLOGY
WIREWOUND
METAL FILM
Vishay Sfernice Series
MSP 1 B
MSP 2 B
MSP 3 B
MSP 1 C
MSP 2 C
Metric Size
0704M
1107M
1607M
0704M
1107M
Rated Dissipation at + 25 °C, P25
1 W
2 W
2.5 W
0.5 W
1 W
Ohmic Range in
Relation to Tolerance
(with Prefered Ohmic
Value Series)
± 5 % E24 Series
0.04 to
2.2K
0.04 to
4.7K
0.04 to
13K
--
± 2 % E48 Series
0.04 to
2.2K
0.04 to
4.7K
0.05 to
13K
-
-
± 1 % E96 Series
0.04 to
2.2K
0.04 to
4.7K
0.05 to
13K
10 to
332K
10 to
1M
± 0.5 % E96 Series
0.4 to
2.2K
0.4 to
4.7K
0.3 to
13K
10 to
332K
10 to
1M
Limiting Element Voltage, Umax. AC/DC
50 V
120 V
200 V
300 V
350 V
Series
MSP 1 B
MSP 2 B
MSP 3 B
MSP 1 C
MSP 2 C
Critical Resistance
-
-
-
180K
122.5K
Temperature Coefficient
CECC 40402-801
- 55 °C/+ 200 °C
< 1
 ± 100 ppm/°C
1
 to < 10  ± 50 ppm/°C
10  ± 25 ppm/°C
- 55 °C/+ 155 °C
10
 to 332 k
K3: ± 50 ppm/°C
K4: ± 25 ppm/°C
> 332 k
Failure Rate
E6
10-6/h
E6
10-6/h
E0 or A
10-4/h
--
MECHANICAL SPECIFICATIONS
RESISTIVE TECHNOLOGY
Wirewound
Metal Film
Encapsulant
Thermoset
Resistive Element
CuNi or NiCr
NiCr or NiP
Ceramic Substrate
Alumina or Steatite
Alumina
Termination
Electrolytic pure matte tin
ENVIRONMENTAL SPECIFICATIONS
RESISTIVE TECHNOLOGY
Wirewound
Metal Film
Temperature Range
- 55 °C to 275 °C
- 55 °C to 155 °C
Climatic Category (LCT/UCT/days)
55/200/56
55/125/10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com