Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSP
Description  Precision Surface Mount Resistors Wirewound or Metal Film Technologies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 3 Page - Vishay Siliconix

  MSP_15 Datasheet HTML 1Page - Vishay Siliconix MSP_15 Datasheet HTML 2Page - Vishay Siliconix MSP_15 Datasheet HTML 3Page - Vishay Siliconix MSP_15 Datasheet HTML 4Page - Vishay Siliconix MSP_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSP
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
3
Document Number: 50003
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
TEMPERATURE RISE
SURFACE MOUNTING OF MSP B
Soldering cycle: 2 min at 215 °C or 10 s at 260 °C or with an
iron 40 W: 3 s at 350 °C.
Soldering is possible by wave, reflow and vapor phase.
NON INDUCTIVE WINDING FOR MSP B
Non-inductive (Ayrton Perry) winding available.
Please consult Vishay Sfernice.
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Wirewound
Metal Film
Wirewound
CECC 40402-801
Metal Film
Short Time Overload
IEC 60115-1
5 Pr or U = 2 Umax./5 s
± (0.25 % + 0.05
)
± 0.25 %
Load Life
IEC 60115-1
90’/30’ cycles
1000 h Pr + 25 °C
8000 h Pr
± (0.5 % + 0.05
)
± (3 % + 0.05
)
± 1 %
-
Dielectric w/s Voltage
IEC 60115-1
URMS = 500 V/60 s
No flashover or breakdown
Leakage current < 10 μA
Rapid Change of
Temperature
IEC 60115-1
IEC 60068-2-14 Test Na
5 cycles (30’ at LCT/30’ at UCT)
± (0.25 % + 0.05
)
± 0.25 %
- 55 °C/+ 200 °C
- 55 °C/+ 125 °C
Climatic Sequence
IEC 60115-1
± (0.5 % + 0.05
)
± 0.5 %
- 55 °C/+ 200 °C
- 55 °C/+ 125 °C
Humidity
(Steady State)
IEC 60115-1
IEC 60068-2-3 Test Ca
95 % HR/40 °C
± (0.5 % + 0.05
)
± 1 %
56 days
10 days
Substrate Bending Test
IEC 60115-1
IEC 60068-2-21 Test Ue3
2 mm/10 times
± (0.25 % + 0.05
)
± 0.25 %
Shock
IEC 60115-1
IEC 60068-2-27 Test Ea
50 g’s/half sine/3 times by direction (i.e. 18 shocks)
± (0.25 % + 0.05
)n/a
Vibration
IEC 60115-1
IEC 60068-2-6 Test Fc
± (0.25 % + 0.05
)
± 0.25 %
10 Hz/2000 Hz
10 Hz/500 Hz
Resistance to
Soldering Heat
IEC 60115-1
IEC 60068-2-58 Solder bath
260 °C/10 s
± (0.5 % + 0.05
)n/a
AMBIENT TEMPERATURE IN °C
125
100
75
50
25
0
- 100
- 55
0
50
100
200
MSP B
MSP C
250
25
155
275
RATED POWER IN W
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
0
MSP
3
B
MSP
2
B
MSP
2
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com