Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233D Datasheet(PDF) 9 Page - ON Semiconductor

Part # ASM1233D
Description  Reset Active LOW Open-Drain Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1233D Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ASM1233D Datasheet HTML 2Page - ON Semiconductor ASM1233D Datasheet HTML 3Page - ON Semiconductor ASM1233D Datasheet HTML 4Page - ON Semiconductor ASM1233D Datasheet HTML 5Page - ON Semiconductor ASM1233D Datasheet HTML 6Page - ON Semiconductor ASM1233D Datasheet HTML 7Page - ON Semiconductor ASM1233D Datasheet HTML 8Page - ON Semiconductor ASM1233D Datasheet HTML 9Page - ON Semiconductor ASM1233D Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ASM1233D, ASM1233D−L, ASM1233M
http://onsemi.com
9
Table 5. ORDERING INFORMATION
Part Number
RESET
Output
Voltage
RESET
Tolerance
RESET
Time
Open
Drain
Output
RESET
Polarity
Package
Package Marking
TIN − LEAD DEVICES
ASM1233D−L−5
(ASM1233A−5)
3.06
5%
350 ms
LOW
3L TO−92
ASM1233D−L−5
ASM1233D−L−10
(ASM1233A−10)
2.88
10%
350 ms
LOW
3L TO−92
ASM1233D−L−10
ASM1233D−L−15
(ASM1233A−15)
2.72
15%
350 ms
LOW
3L TO−92
ASM1233D−L−15
ASM1233D−LZ−5
(ASM1233AZ−5)
3.06
5%
350 ms
LOW
4L SOT−223
RVLL
ASM1233D−LZ−10
(ASM1233AZ−10)
2.88
10%
350 ms
LOW
4L SOT−223
RWLL
ASM1233D−LZ−15
(ASM1233AZ−15)
2.72
15%
350 ms
LOW
4L SOT−223
RXLL
ASM1233D−5
4.625
5%
350 ms
LOW
3L TO−92
ASM1233D−5
ASM1233D−10
4.375
10%
350 ms
LOW
3L TO−92
ASM1233D−10
ASM1233D−15
4.125
15%
350 ms
LOW
3L TO−92
ASM1233D−15
ASM1233DZ−5
4.625
5%
350 ms
LOW
4L SOT−223
RSLL
ASM1233DZ−10
4.375
10%
350 ms
LOW
4L SOT−223
RTLL
ASM1233DZ−15
4.125
15%
350 ms
LOW
4L SOT−223
RULL
ASM1233M−55
4.625
5%
350 ms
LOW
3L TO−92
ASM1233M−55
ASM1233M−5
4.375
10%
350 ms
LOW
3L TO−92
ASM1233M−5
ASM1233M−3
2.72
15%
350 ms
LOW
3L TO−92
ASM1233M−3
ASM1233MS−55
4.625
5%
350 ms
LOW
8L SOIC
ASM1233MS−55
ASM1233MS−5
4.38
10%
350 ms
LOW
8L SOIC
ASM1233MS−5
ASM1233MS−3
2.72
15%
350 ms
LOW
8L SOIC
ASM1233MS−3
LEAD FREE DEVICES
ASM1233D−L−5F
3.06
5%
350 ms
LOW
3L TO−92
ASM1233D−L−5F
ASM1233D−L−10F
2.88
10%
350 ms
LOW
3L TO−92
ASM1233D−L−10F
ASM1233D−L−15F
2.72
15%
350 ms
LOW
3L TO−92
ASM1233D−L−15F
ASM1233D−LZ−5F
3.06
5%
350 ms
LOW
4L SOT−223
KVLL
ASM1233D−LZ−10F
2.88
10%
350 ms
LOW
4L SOT−223
KWLL
ASM1233D−LZ−15F
2.72
15%
350 ms
LOW
4L SOT−223
KXLL
ASM1233D−5F
4.625
5%
350 ms
LOW
3L TO−92
ASM1233D−5F
ASM1233D−10F
4.375
10%
350 ms
LOW
3L TO−92
ASM1233D−10F
ASM1233D−15F
4.125
15%
350 ms
LOW
3L TO−92
ASM1233D−15F
ASM1233DZ−5F
4.625
5%
350 ms
LOW
4L SOT−223
KSLL
ASM1233DZ−10F
4.375
10%
350 ms
LOW
4L SOT−223
KTLL
ASM1233DZ−15F
4.125
15%
350 ms
LOW
4L SOT−223
KULL
ASM1233M−5F
4.375
5%
350 ms
LOW
3L TO−92
ASM1233M−5F
ASM1233M−55F
4.625
10%
350 ms
LOW
3L TO−92
ASM1233M−55F
ASM1233M−3F
2.72
15%
350 ms
LOW
3L TO−92
ASM1233M−3F
ASM1233MS−5F
4.38
5%
350 ms
LOW
8L SOIC
ASM1233MS−5F
ASM1233MS−55F
4.625
10%
350 ms
LOW
8L SOIC
ASM1233MS−55F
ASM1233MS−3F
2.72
15%
350 ms
LOW
8L SOIC
ASM1233MS−3F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com