Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233D Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM1233D
Description  Reset Active LOW Open-Drain Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1233D Datasheet(HTML) 1 Page - ON Semiconductor

  ASM1233D Datasheet HTML 1Page - ON Semiconductor ASM1233D Datasheet HTML 2Page - ON Semiconductor ASM1233D Datasheet HTML 3Page - ON Semiconductor ASM1233D Datasheet HTML 4Page - ON Semiconductor ASM1233D Datasheet HTML 5Page - ON Semiconductor ASM1233D Datasheet HTML 6Page - ON Semiconductor ASM1233D Datasheet HTML 7Page - ON Semiconductor ASM1233D Datasheet HTML 8Page - ON Semiconductor ASM1233D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM1233D/D
ASM1233D, ASM1233D-L,
ASM1233M
Low Power, 5 V/3.3 V,
mP Reset, Active LOW,
Open-Drain Output
Description
The ASM1233D−L/1233D/1233M are voltage supervisors with
low−power, 5/3.3 V
mP Reset, with an active LOW, open−drain output.
Maximum supply current over temperature is 15
mA for 3.3 V devices
and 20
mA for 5 V devices.
The ASM1233D−L/1233D/1233M generates an active LOW reset
signal whenever the monitored supply is out of tolerance. A precision
reference and comparator circuit monitors power supply (VCC) level.
The tolerances are 5%, 10% and 15%. When an out−of−tolerance
condition is detected, an internal power−fail signal is generated which
forces an active LOW reset signal. After VCC returns to an
in−tolerance condition, the reset signal remains active for 350 ms to
allow the power supply and system microprocessor to stabilize.
The ASM1233D−L/1233D/1233M is designed with an open drain
output stage and operates over the extended industrial temperature
range. These devices are available in compact SOT−223, SO−8 and
TO−92 packages.
Other low power products in this family include ASM1810/11/12/
15/16/17.
Features
Low Supply Current
15 mA Maximum (≤ 3.6 V), 20 mA Maximum (5.5 V)
Automatically Restarts a Microprocessor after Power Failure
350 ms Reset Delay after VCC Returns to an In−tolerance Condition
Active LOW Power−up Reset, 5 kW Internal Pull−up
Precision Temperature−compensated Voltage Reference and
Comparator
Eliminates External Components
Low−cost SOT−223/SO−8/TO−92 Packages
Operating Temperature: −40°C to +85°C
Applications
Set−top Boxes
Cellular Phones
PDAs
Energy Management Systems
Embedded Control Systems
Printers
Single Board Computers
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
SOIC−8
8 LEAD
CASE 751BD
RESET
VCC
NC
GND
NC
NC
NC
NC
1
SO−8
(Top View)
TO−92
ASM1233M
SOT−223
4 LEAD
CASE 318E
TO−92
3 LEAD
CASE 29−11
SOT−223
(Top View)
GND
RESET
VCC
GND
1
2
4
3
123
123
123
TO−92
ASM1233D−L
ASM1233D
(Top View)
2
3
4
8
7
6
5


Similar Part No. - ASM1233D

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM1233D-10 ALSC-ASM1233D-10 Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1233D-10 PULSECORE-ASM1233D-10 Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
Alliance Semiconductor ...
ASM1233D-10F ALSC-ASM1233D-10F Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
More results

Similar Description - ASM1233D

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
Texas Instruments
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com