Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25Q200G Datasheet(PDF) 34 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 34 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 38Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
34
Sector Erase (20H)
The Sector Erase instruction is for erasing the all data of the chosen sector. A Write Enable instruction must
previously have been executed to set the Write Enable Latch bit. The Sector Erase instruction is entered by
driving /CS low, followed by the instruction code, and 3-address byte on SI. Any address inside the sector is a
valid address for the Sector Erase instruction. /CS must be driven low for the entire duration of the sequence.
See Figure 26, the Sector Erase instruction sequence: /CS goes low sending Sector Erase instruction
3-byte address on SI /CS goes high. The instruction sequence is shown in Figure18. /CS must be driven high
after the eighth bit of the last address byte has been latched in; otherwise the Sector Erase instruction is not
executed. As soon as /CS is driven high, the self-timed Sector Erase cycle (whose duration is tSE) is initiated.
While the Sector Erase cycle is in progress, the Status Register may be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0 when
it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch bit is
reset. A Sector Erase instruction applied to a sector which is protected by the Block Protect (SEC, TB, BP2,
BP1, BP0) bits
(see Table 6 & 7) is not executed.
Figure 26 Sector Erase Sequence Diagram
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com