Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE709G Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE709G
Description  0.85V Startup Voltage, Synchronous Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE709G Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE709G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACE709G
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
8
FUNCTIONAL DECRIPTIONS
Loop Operation
The ACE709G is a wide input range, high-efficiency, DC-to-DC step-up switching regulator, capable of
delivering up to 3W of output power, integrated with
a 150mΩ high side MOSFET and 150 mΩ
synchronous rectifier. It uses a PWM current-mode control scheme. An error amplifier integrates error
between the FB signal and the internal reference voltage. The output of the integrator is then compared to
the sum of a current-sense signal and the slope compensation ramp. This operation generates a PWM
signal
that modulates the duty cycle of the power MOSFETs to achieve regulation for output voltage.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE709G employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load, thereby extending the
range of high efficiency operation.
Short-Circuit Protection
Unlike most step-up converters, the ACE709G allows for short circuits on the output. In the event of a
short circuit, the device first turns off the NMOS when the sensed current reaches the current limit. After
VOUT drops below VIN the device then enters a linear charge period with the current limited same as with
the start-up period. In addition, the thermal shutdown circuits disable switching if the die temperature rises
above 165°C.
Down Mode (VIN>VOUT) Operation
The ACE709G will continue to supply the output voltage even when the input voltage exceeds the
output voltage. Since the PMOS no longer acts as a low-impedance switch in this mode, power
dissipation increases within the IC to cause a sharp drop in efficiency. Limit the maximum output current
to maintain an acceptable junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com