Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE709G Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE709G
Description  0.85V Startup Voltage, Synchronous Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE709G Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE709G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE709G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE709G
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
1
Description
The ACE709G is a high efficiency synchronous step-up converter that can provide up to 3W of power
to a boosted output from a low voltage source. Unlike most step-up converter, not only it starts up at a
very low input voltage as low as 0.85V, it also incorporates circuits that disconnect the input
from
output, during shutdown, short-circuit, output current overloading, or other events when output is higher
than the input. This eliminates the need for an external MOSFET and its control circuitry to disconnect the
input from output, and provides robust output overload protection. The ACE709G starts up from a voltage
as low as 0.85V making it ideal for applications with single-cell or two-cell alkaline, NiCd, and NiMh
batteries. A switching frequency of 2MHz minimizes solution footprint by allowing the use of tiny and low
profile inductors and ceramic capacitors. An internal synchronous MOSFET provides highest efficiency
and with a current mode control that is internally compensated, external parts count is reduced to
minimal. ACE709G is available in three output voltage options. They are 2.1V~ 5V. It is housed in a tiny
SOT23-5 package
Features
 Output Disconnect
 Short-circuit Protection
 3W Output Power
 Output to Input Reversed Current Protection
 0.85V Low Start-up Voltage
 VIN range from 0.6V to 4.5V
 Up to 96% Efficiency
 40
μA No load IQ and light load PFM Mode
 Internal Synchronous Rectifier
 Current Mode control
 Logic Control Shutdown and Thermal shutdown
 SOT23-5 Package
Application
 USB OTG for MIDs, Smartphones
 Mobile back-up Battery Chargers
 Alkaline, NiCd, and NiMh batteries applications
 USB powered devices


Similar Part No. - ACE709G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE709 ACE-ACE709 Datasheet
657Kb / 8P
0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
VER 1.2
More results

Similar Description - ACE709G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE719E ACE-ACE719E Datasheet
733Kb / 10P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
VER 1.2
ACE707P ACE-ACE707P Datasheet
898Kb / 10P
0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1035 ETA-ETA1035 Datasheet
203Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
ETA1036 ETA-ETA1036 Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com