Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5847AF Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—16
Analog Output Click Noise
Under the following conditions, a click noise may be
output from the DAC (digital-to-analog converter)
connected to the SM5847AF.
s
When a system reset on RSTN occurs
s
When the internal system clock mode, set by
CKSLN, CKDV1, and CKDV2, is switched
s
When the deemphasis mode, set by DEMPL,
DEMPR, FSEL1, and FSEL2, is switched
s
When the audio data input mode, set by INF1N,
DI/INF2N,
IW1N/DIL,
and
IW2N/DIR,
is
switched
s
When the SYNCN jitter-free mode switch timing
exceeds the internal timing delay limit
An external muting circuit connected to the analog
output may be required to eliminate this noise.
Figure 2. Soft muting/reset operation
512/fs
512/fs
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
Normal operation
reset
reset
soft mute
soft mute
DI/INF2N,
IW1N/DIL, IW2N/DIR
RSTN
MUTEL/MUTER
Gain
External DAC
analog output
(full scale signal)
L
LH
H
+FS
zero
-FS
H
LH
L
click noise
0dB
FS: full scale
−∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com