Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RH50
Description  Heatsink Encased Wirewound Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH50 Datasheet(HTML) 1 Page - Vishay Siliconix

  RH50 Datasheet HTML 1Page - Vishay Siliconix RH50 Datasheet HTML 2Page - Vishay Siliconix RH50 Datasheet HTML 3Page - Vishay Siliconix RH50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RH
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
1
Document Number: 50013
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Heatsink Encased Wirewound Power Resistors
FEATURES
• 5 W to 50 W at 25 °C
•NF C 83-210
• According to CECC 40 203
• High stability < 0.05 % year
• Low temperature coefficient typically ± 15 ppm/°C
• Wide range of values from 0.006
 to 130 k
• Termination = Sn/Ag/Cu
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Encased in a compact and light heatsink offering complete environmental protection, great mechanical strength and easy
mounting. Non inductive versions can be supplied under the RHNI designation (please indicate required specifications and
frequency range upon ordering).
NF F 16101, 10/1988 and 16102, 04/1992: Not applicable (our parts contain less than 10 g of combustible materials).
DIMENSIONS in millimeters
SERIES
A
B ±
0.2
D ±
0.2
E ±
0.5
F
G ± 1
H ±
0.7
J ±
0.5
Ø K ±
0.1
L
MAX.
M ±
0.5
N ±
0.3
Ø P
MIN.
Q
WEIGHT
g
RH5
28.5 ± 1.5
12.5
11.3
16.3
6.8 ± 1.5
8.5
6.2
16.4
2.4
8.9
4.3
1.6
2.1
25.3 ± 1.5
4
RH10
35.5 ± 1.5
15.9
14
19
7.9 ± 1.5
11
7.9
20.6
2.4
11
5.6
2
2.1
30.6 ± 1.5
6.4
RH25
49 ± 1.3
19.8
18.3
28
11.1 ± 1.5
14
9.9
27.5
3.2
15
8
2.4
2.1
44.6 ± 1.3
16.1
RH50
70.2 ± 1.4
21.4
39.7
50
11 ± 1.2
14
10.7
29.4
3.2
15
8
2.4
2.1
66.5 ± 1.4
28.6
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P25 °C
W
TOLERANCE
± %
RH5
0.01 to12K
10
0.5, 1, 2, 5
RH10
0.006 to 20K
12.5
0.5, 1, 2, 5
RH25
0.006 to 62K
25
0.5, 1, 2, 5
RH50
0.006 to 130K
50
0.5, 1, 2, 5
A
N
M
F
Ø 2
Ø K
Ø P
E
Q
L
G
H
B
J
D
RH


Similar Part No. - RH50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RH50 VISHAY-RH50 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
logo
LEM
RH500-P LEM-RH500-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
RH500-S LEM-RH500-S Datasheet
73Kb / 2P
Coreless Coil Current Transducer RH 100~1000-S
logo
SUNMATE electronic Co.,...
RH5000A SUNMATE-RH5000A Datasheet
319Kb / 2P
SURFACE MOUNT FAST RECOVER HIGH VOLTAGE DIODES
logo
List of Unclassifed Man...
RH5025D100AS ETC1-RH5025D100AS Datasheet
167Kb / 12P
THICK FILM CHIP RESISTORS
More results

Similar Description - RH50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
POWER WIREWOUND RESISTORS
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
logo
List of Unclassifed Man...
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com