Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH50 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RH50
Description  Heatsink Encased Wirewound Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH50 Datasheet(HTML) 3 Page - Vishay Siliconix

  RH50 Datasheet HTML 1Page - Vishay Siliconix RH50 Datasheet HTML 2Page - Vishay Siliconix RH50 Datasheet HTML 3Page - Vishay Siliconix RH50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
3
Document Number: 50013
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, model, style, nominal resistance
(in
), tolerance (in %), manufacturing date.
AMBIENT TEMPERATURE IN °C
100
125
75
50
25
0
0
50
100
150
200
250 275 300
350
RATED POWER IN W
(Mounted on heatsink chassis)
200
150
100
50
0
0
10
20
30
40
50
60
70
RH10
RH25
RH50
250
PACKAGING
Bag of 10 units
ORDERING INFORMATION
RH
05
N
18R00
J
S03
MODEL
STYLE
NON INDUCTIVE
WINDING
Optional
OHMIC VALUE
TOLERANCE
PACKAGING
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RH
05
10
25
50
N = Non inductive winding
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
33001 = 33 k
680R0 = 680
20301 = 20.3 k
88R88 = 88.88
...
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
Standard Packaging:
S03 = Bag, 10 pieces
As applicable
Ex = HDX
50
33
00
1
S
R
H
J0
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com