Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8941AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8941AP Datasheet HTML 1Page - Mitel Networks Corporation MT8941AP Datasheet HTML 2Page - Mitel Networks Corporation MT8941AP Datasheet HTML 3Page - Mitel Networks Corporation MT8941AP Datasheet HTML 4Page - Mitel Networks Corporation MT8941AP Datasheet HTML 5Page - Mitel Networks Corporation MT8941AP Datasheet HTML 6Page - Mitel Networks Corporation MT8941AP Datasheet HTML 7Page - Mitel Networks Corporation MT8941AP Datasheet HTML 8Page - Mitel Networks Corporation MT8941AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CMOS
MT8941
3-45
13
15
C4b
Clock 4.096 MHz- Bidirectional (TTL compatible input and Totem-pole output) - When
the mode select bit MS3 (pin 17) is HIGH, it provides the 4.096 MHz clock output with the
falling edge in the frame pulse (F0b) window. When pin 17 is LOW, C4b is an input to an
external clock at 4.096 MHz.
14
16
C2o
Clock 2.048 MHz (Three state output) - This is the divide by two output of C4b (pin 13) and
has a falling edge in the frame pulse (F0b) window. The high impedance state of this output
is controlled by ENC2o (pin 16).
15
17
C2o
Clock 2.048 MHz (Three state output) - This is the divide by two output of C4b (pin 13) and
has a rising edge in the frame pulse (F0b) window. The high impedance state of this output is
controlled by ENC2o (pin 16).
16
19
ENC2o Enable 2.048 MHz clock (TTL compatible input) - This active high input enables both C2o
and C2o outputs (pins 14 and 15). When LOW, these outputs are in high impedance
condition.
17
20
MS3
Mode select 3 input (TTL compatible) - This input in conjunction with MS2 (pin 7) selects
the minor mode of operation for DPLL #2. (Refer to Table 3.)
18,
19
21,
22
Ai, Bi
Inputs A and B (TTL compatible) -These are the two inputs of the uncommitted NAND
gate
.
20
23
Yo
Output Y (Totem pole output) - Output of the uncommitted NAND gate.
21
24
CVb
Variable clock Bidirectional (TTL compatible input and Totem-pole output) - When
acting as an output (MS1-LOW) during the NORMAL mode of DPLL #1, this pin provides the
1.544 MHz clock locked to the input frame pulse F0i (pin 5). When MS1 is HIGH, it is an
input to an external clock at 1.544 MHz or 2.048 MHz to provide the internal signal at 8 kHz
to DPLL #2.
22
26
CV
Variable clock (Three state output) - This is the inverse output of the signal appearing on
pin 21, the high impedance state of which is controlled by ENCV (pin 1).
23
27
RST
Reset (Schmitt trigger input) - This input (active LOW) puts the MT8941 in its reset state.
To guarantee proper operation, the device must be reset after power-up. The time constant
for a power-up reset circuit (see Figures 9-13) must be a minimum of five times the rise time
of the power supply. In normal operation, the RST pin must be held low for a minimum of
60nsec to reset the device.
24
28
VDD
VDD (+5V) Power supply.
4,
5,
18,
25
NC
No Connection.
Pin Description (continued)
Pin #
Name
Description
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com