Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8941AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8941AP Datasheet HTML 1Page - Mitel Networks Corporation MT8941AP Datasheet HTML 2Page - Mitel Networks Corporation MT8941AP Datasheet HTML 3Page - Mitel Networks Corporation MT8941AP Datasheet HTML 4Page - Mitel Networks Corporation MT8941AP Datasheet HTML 5Page - Mitel Networks Corporation MT8941AP Datasheet HTML 6Page - Mitel Networks Corporation MT8941AP Datasheet HTML 7Page - Mitel Networks Corporation MT8941AP Datasheet HTML 8Page - Mitel Networks Corporation MT8941AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CMOS
MT8941
3-47
at 8 kHz to generate T1 (1.544 MHz) clock.
For
DPLL #2, the divisions are set at 8 and 256 to
provide the CEPT/ST-BUS clock at 2.048 MHz
synchronized to the falling edge of the input signal (8
kHz).
The master clock source is specified to be
12.352 MHz for DPLL #1 and 16.384 MHz for DPLL
#2 over the entire temperature range of operation.
The inputs MS0 to MS3 are used to select the
operating mode of the MT8941, see Tables 1 to 4.
All the outputs are controlled to the high impedance
condition by their respective enable controls.
The
uncommitted NAND gate is available for use in
applications involving Mitel’s MT8976/ MH89760 (T1
Interfaces)
and
MT8979/MH89790
(CEPT
Interfaces).
Modes of Operation
The operation of the MT8941 is categorized into
major modes and minor modes. The major modes
are defined for both DPLLs by the mode select pins
MS0 and MS1.
The minor modes are selected by
pins MS2 and MS3 and are applicable only to DPLL
#2. There are no minor modes for DPLL #1.
Major modes of DPLL #1
DPLL #1 can be operated in three major modes as
selected by MS0 and MS1 (Table 1). When MS1 is
LOW, it is in NORMAL mode, which provides a T1
(1.544 MHz) clock signal locked to the falling edge
of the input frame
pulse F0i
(8 kHz).
DPLL #1
requires a master clock input of 12.352 MHz (C12i).
In the second and third major modes (MS1 is HIGH),
DPLL #1 is set to DIVIDE an external 1.544 MHz or
2.048 MHz signal applied at CVb (pin 21).
The
division can be set by MS0 to be either 193 (LOW) or
256 (HIGH).
In these modes, the 8 kHz output at
C8Kb is connected internally to DPLL #2, which
operates in SINGLE CLOCK mode.
Major modes of DPLL #2
There are four major modes for DPLL #2 selectable
by MS0 and MS1, as shown in Table 2. In all these
modes DPLL #2 provides the CEPT PCM30 timing,
and the ST-BUS clock and framing signals.
In NORMAL mode, DPLL #2 provides the CEPT/ST-
BUS compatible timing signals locked to the falling
edge of the 8 kHz input signal (C8Kb).
These
signals are 4.096 MHz (C4o and
C4b) and 2.048
MHz (C2o and C2o) clocks, and the 8 kHz frame
pulse (F0b) derived from the 16.384 MHz master
clock.
This mode can be the same as the FREE-
RUN mode if the C8Kb pin is tied to VDD or VSS.
Note:
X: indicates don’t care
Table 1. Major Modes of DPLL #1
Table 2. Major Modes of DPLL #2
Table 3. Minor Modes of DPLL #2
In FREE-RUN mode, DPLL #2 generates the stand-
alone CEPT and ST-BUS timing and framing signals
with no external inputs except the master clock set at
16.384 MHz. The DPLL makes no correction in this
configuration and provides the timing signals without
any jitter.
M
S
0
M
S
1
Mode of
Operation
Function
X
0
NORMAL
Provides the T1 (1.544 MHz) clock
synchronized to the falling edge of
the input frame pulse (F0i).
0
1
DIVIDE-1
DPLL #1 divides the CVb input by
193. The divided output is
connected to DPLL #2.
1
1
DIVIDE-2
DPLL #1 divides the CVb input by
256. The divided output is
connected to DPLL #2.
M
S
0
M
S
1
Mode of
Operation
Function
0
0
NORMAL
Provides CEPT/ST-BUS timing
signals locked to the falling edge of
the 8 kHz input signal at C8Kb.
1
0
FREE-RUN
Provides CEPT/ST-BUS timing and
framing signals with no external
inputs, except the master clock.
01
SINGLE
CLOCK-1
Provides CEPT/ST-BUS timing
signals locked to the falling edge of
the 8 kHz internal signal provided by
DPLL #1.
11
SINGLE
CLOCK-2
Provides CEPT/ST-BUS timing
signals locked to the falling edge of
the 8 kHz internal signal provided by
DPLL #1.
M
S
2
M
S
3
Functional Description
11
Provides CEPT/ST-BUS 4.096 MHz and 2.048
MHz clocks and 8kHz frame pulse depending on
the major mode selected.
01
Provides CEPT/ST-BUS 4.096 MHz & 2.048 MHz
clocks depending on the major mode selected
while F0b acts as an input. However, the input on
F0b has no effect on the operation of DPLL #2
unless it is in FREE-RUN mode.
00
Overrides the major mode selected and accepts
properly phase related external 4.096 MHz clock
and 8 kHz frame pulse to provide the ST-BUS
compatible clock at 2.048 MHz.
10
Overrides the major mode selected and accepts a
4.096 MHz external clock to provide the ST-BUS
clock and frame pulse at 2.048 MHz and 8 kHz,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com