Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8985AL Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8985AL
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985AL Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8985AL Datasheet HTML 9Page - Mitel Networks Corporation MT8985AL Datasheet HTML 10Page - Mitel Networks Corporation MT8985AL Datasheet HTML 11Page - Mitel Networks Corporation MT8985AL Datasheet HTML 12Page - Mitel Networks Corporation MT8985AL Datasheet HTML 13Page - Mitel Networks Corporation MT8985AL Datasheet HTML 14Page - Mitel Networks Corporation MT8985AL Datasheet HTML 15Page - Mitel Networks Corporation MT8985AL Datasheet HTML 16Page - Mitel Networks Corporation MT8985AL Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MT8985
2-57
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 12 - Output Test Load
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1VDD - VSS
-0.3
7
V
2
Voltage on Digital Inputs
VI
VSS-0.3
VDD+0.3
V
3
Voltage on Digital Outputs
VO
VSS-0.3
VDD+0.3
V
4
Current at Digital Outputs
IO
40
mA
5
Storage Temperature
TS
-65
+150
°C
6
Package Power Dissipation
PD
2W
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
25
+85
°C
2
Positive Supply
VDD
4.75
5.0
5.25
V
3
Input Voltage
VI
0VDD
V
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
N
P
U
T
S
Supply Current
IDD
10
15
mA
Outputs unloaded
2
Input High Voltage
VIH
2.0
V
3
Input Low Voltage
VIL
0.8
V
4
Input Leakage (input pins)
Input Leakage (I/O pins)
IIL
34
5
100
µAV
I between VSS and VDD
5
Input Pin Capacitance
CI
8pF
6
O
U
T
P
U
T
S
Output High Voltage
VOH
2.4
V
IOH = 10 mA
7
Output High Current
IOH
10
15
mA
Sourcing. VOH=2.4V
8
Output Low Voltage
VOL
0.4
V
IOL = 5 mA
9
Output Low Current
IOL
5
10
mA
Sinking. VOL = 0.4V
10
High Impedance Leakage
IOZ
5
µAV
O between VSS and VDD
11
Output Pin Capacitance
CO
8pF
Output
Pin
Test Point
CL
VSS
S1
RL
VDD
S2
VSS
S1 is open circuit except
when testing output levels
or high impedance states.
S2 is switched to VDD or
VSS when testing output
levels or high impedance
states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com